Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2374 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2374
Description  16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2374 Datasheet(HTML) 2 Page - Linear Technology

  LTC2374 Datasheet HTML 1Page - Linear Technology LTC2374 Datasheet HTML 2Page - Linear Technology LTC2374 Datasheet HTML 3Page - Linear Technology LTC2374 Datasheet HTML 4Page - Linear Technology LTC2374 Datasheet HTML 5Page - Linear Technology LTC2374 Datasheet HTML 6Page - Linear Technology LTC2374 Datasheet HTML 7Page - Linear Technology LTC2374 Datasheet HTML 8Page - Linear Technology LTC2374 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc2071afc
DEMO MANUAL DC2071A
BOARD PHOTO
Figure 1. DC2071A Connection Diagram
0V TO 4.096V
0V TO 4.096V
±8.192V
0V TO 4.096V
±4.096V
±4.096V
–16V
GND
+16V
CLK
100MHz MAX
3.3VPP
DC890
DC590
OR
DC2026
DEFAULT INPUT LEVELS
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com