Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2875 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2875
Description  짹60V Fault Protected 3.3V or 5V High Speed CAN Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2875 Datasheet(HTML) 2 Page - Linear Technology

  LTC2875 Datasheet HTML 1Page - Linear Technology LTC2875 Datasheet HTML 2Page - Linear Technology LTC2875 Datasheet HTML 3Page - Linear Technology LTC2875 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
dc2063af
DEMO MANUAL DC2063A
Quick start proceDure
operating principles
Demonstration circuit 2063A is easy to set up and evaluate
the performance of the LTC2875.
1. Verify the jumpers are in the following default positions:
JP1:SMB ON; JP1:TURRET OFF
JP2: SPLIT
JP3:MAX ON; JP3:ADJ OFF
2. With power off, connect the input power supply to VCC
and GND turrets.
3. Turn on the power at the input.
When TXD is low, the LTC2875 drives the dominant state
onto the CANH and CANL bus lines, with CANH pulled high
and CANL pulled low. When TXD is high, the LTC2875 is
in the recessive state, with both CANH and CANL drivers
in the high impedance state, and the differential voltage on
the CAN bus lines is returned to near zero by the termina-
tion resistors. The TXD pin is pulled high by an internal
500kΩ resistor when it is left floating.
The CAN bus must be terminated at both ends by resis-
tors matched to the impedance of the bus cable, typically
120Ω, while all other nodes on the CAN bus must be
unterminated.TheDC2063Aprovidesthreejumperselect-
able termination configurations: split termination, single
termination, and no termination. The split termination
is selected by placing two jumpers on JP2 in the SPLIT
(vertical) configuration. This provides 120Ω termination
consisting of two series 60Ω resistors with the LTC2875
SPLIT pin and a 4.7nF decoupling capacitor biasing the
termination center point. This configuration lowers the
EME of the transmitted signal by reducing common mode
voltage fluctuations. The single termination is selected by
placing two jumpers on JP2 in the SINGLE (horizontal)
configuration. This provides 120Ω termination consisting
of two series 60Ω resistors with no biasing of the center
point. No termination may be selected by removing both
jumpers from JP2.
The LTC2875 receiver senses the differential voltage on
the CAN bus lines and produces a digital output on the
RXD pin. When a dominant state is sensed on the bus
lines, the RXD output will pull low. When a recessive state
is sensed on the bus lines, the RXD output will pull high.
When the LTC2875 is in the shutdown state, the RXD pin
is pulled high by an internal 500kΩ resistor. The LTC2875
RXD pin is connected directly to the DC2063A RXD turret.
NOTE: Make sure the input voltage does not exceed 6V.
4. Connect a function generator to SMB jack J1 and set
to square wave with a low of 0V, high = VCC. Set fre-
quency to 100kHz (200kbps). Enable output of function
generator.
5. Connect oscilloscope to pin RXD and observe 100kHz
waveform. This demonstration shows that data applied
to TXD is transmitted to the CAN bus, looped back
through the receiver, and outputted on RXD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com