Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2947 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2947
Description  30A Power/Energy Monitor with Integrated Sense Resistor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2947 Datasheet(HTML) 2 Page - Linear Technology

  LTC2947 Datasheet HTML 1Page - Linear Technology LTC2947 Datasheet HTML 2Page - Linear Technology LTC2947 Datasheet HTML 3Page - Linear Technology LTC2947 Datasheet HTML 4Page - Linear Technology LTC2947 Datasheet HTML 5Page - Linear Technology LTC2947 Datasheet HTML 6Page - Linear Technology LTC2947 Datasheet HTML 7Page - Linear Technology LTC2947 Datasheet HTML 8Page - Linear Technology LTC2947 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
dc2334af
DEMO MANUAL DC2334A
DC590
OR
DC2026
OV TO 15V
0A TO 30A
LOAD
+–
QUICK START PROCEDURE
Various features of the DC2334A can be demonstrated by
using Linear Technology’s QuikEval Software. QuikEval is
a USB-based product demonstration and data acquisition
software meant to be used in conjunction with the DC590
that connects to individual daughter cards for specific
Linear Technology products. This software can be found
on Linear Technology’s website at:
http://ltspice.linear.com/software/ltcqev.exe
Connect the DC590 to a PC using the USB cable provided
with the DC590. Now, connect the DC590 to the DC2334A
and apply power and load according to Figure 1.
Oncesetupiscomplete,runtheQuikEvalSoftware.QuikEval
should auto-detect the DC2334A and provide the user with
a control panel.
INTERFACING THE DC2334A WITH THE DC2026
This board can also interface with the DC2026 Linduino
boardwhichispartoftheLinduinoFirmwareDevelopment
Program. The Linduino Firmware Development Program
provides users with convenient driver code, written in C,
for a wide range of LTC products. Please see the Linduino
web page for more details.
The DC2026 comes preloaded with a DC590 emulator
firmware which allows for easy interfacing with QuikEval.
Connection is done the same way as for the DC590 (Figure
1). QuikEval will launch the graphical user interface (GUI)
as it would with the DC590. The DC2026 can also be used
as a development platform, example software along with
drivers can be found on the product landing page:
http://www.linear.com/product/LTC2947
NOTE: DC590 and DC2026 (Linduino) programmed with
the DC590B sketch behave the same and so are fully
compatible. This demo manual will mostly use the term
DC590 but still it can be replaced by DC2026 (Linduino).
DC2334A AS LINDUINO SHIELD
The DC2334A may be used as an Arduino/Linduino shield
by stacking it on top of the DC2026 via connectors J5-J8.
In conjunction with a LCD Keypad Shield (e.g. from
SainSmart.com, 20-011-901), this setup allows to run
the DC2334A as a stand-alone power, charge and energy
monitor without the need for a PC. A dedicated set of
DC2334A, DC2026 with tailored Linduino sketch and a
Figure 1. Hardware Bench Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com