Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4441 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4441
Description  Narrow beam LED in Mini MIDLED package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4441 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4441 Datasheet HTML 1Page - OSRAM GmbH SFH-4441 Datasheet HTML 2Page - OSRAM GmbH SFH-4441 Datasheet HTML 3Page - OSRAM GmbH SFH-4441 Datasheet HTML 4Page - OSRAM GmbH SFH-4441 Datasheet HTML 5Page - OSRAM GmbH SFH-4441 Datasheet HTML 6Page - OSRAM GmbH SFH-4441 Datasheet HTML 7Page - OSRAM GmbH SFH-4441 Datasheet HTML 8Page - OSRAM GmbH SFH-4441 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2015-11-23
1
2015-11-23
Narrow beam LED in Mini MIDLED package (940 nm)
Version 1.3
SFH 4441
Ordering Information
Features:
•
Highly Efficient Infrared LED
•
Short switching times
•
Narrow halfangle (+-17°)
•
Low profile component
Applications
•
Sensor technology
•
For control and drive circuits
•
Proximity sensor
•
Mobile devices
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF = 100 mA, tp= 20 ms
SFH 4441
65 (≥ 25)
Q65111A4266
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH-4441

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
Narrow beam LED in Mini MIDLED package
More results

Similar Description - SFH-4441

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
Narrow beam LED in Mini MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4641 OSRAM-SFH-4641 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4680 OSRAM-SFH-4680 Datasheet
315Kb / 13P
Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com