Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4551 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4551
Description  High Power Infrared Emitter (850nm) in SMR짰 Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4551 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4551 Datasheet HTML 1Page - OSRAM GmbH SFH-4551 Datasheet HTML 2Page - OSRAM GmbH SFH-4551 Datasheet HTML 3Page - OSRAM GmbH SFH-4551 Datasheet HTML 4Page - OSRAM GmbH SFH-4551 Datasheet HTML 5Page - OSRAM GmbH SFH-4551 Datasheet HTML 6Page - OSRAM GmbH SFH-4551 Datasheet HTML 7Page - OSRAM GmbH SFH-4551 Datasheet HTML 8Page - OSRAM GmbH SFH-4551 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2017-06-22
1
2017-06-22
High Power Infrared Emitter (850nm) in SMR® Package
Version 1.5
SFH 4551
Ordering Information
Features:
•
High Power Infrared LED
•
SMR® (Surface Mount Radial) package
•
Same package as photodiode SFH 2500 FA
•
Short switching times
•
UL version available ( ordering code & test conditions on request)
Applications
•
Sensor technology
•
Discrete interrupters
•
Discrete optocouplers
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF= 100 mA, tp= 20 ms
SFH 4551
270 (≥ 100)
Q65111A0506
SFH 4551-BWCW
160 ... 500
Q65112A4144
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH-4551

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4550 OSRAM-SFH-4550 Datasheet
394Kb / 9P
Infrared Emitter
SFH-4554 OSRAM-SFH-4554 Datasheet
414Kb / 9P
Infrared Emitter
SFH-4555 OSRAM-SFH-4555 Datasheet
405Kb / 9P
High Power Infrared Emitter
SFH-4556 OSRAM-SFH-4556 Datasheet
407Kb / 9P
High Power Infrared Emitter
SFH-4556P OSRAM-SFH-4556P Datasheet
387Kb / 9P
Infrared Emitter
More results

Similar Description - SFH-4551

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4860 AVAGO-ASDL-4860 Datasheet
178Kb / 6P
High Power Infrared Emitter (850nm) in Surface Mount Package
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
SFH4551 OSRAM-SFH4551 Datasheet
290Kb / 13P
High Power Infrared Emitter (850nm) in SMR
SFH4558 OSRAM-SFH4558 Datasheet
308Kb / 12P
Infrared Emitter (850nm) in SMR
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
logo
CT Micro International ...
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
SMD Type 850nm Infrared Emitter
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
SMD Type 850nm Infrared Emitter
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com