Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4703AS Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4703AS
Description  IR lightsource with high efficiency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4703AS Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4703AS Datasheet HTML 1Page - OSRAM GmbH SFH-4703AS Datasheet HTML 2Page - OSRAM GmbH SFH-4703AS Datasheet HTML 3Page - OSRAM GmbH SFH-4703AS Datasheet HTML 4Page - OSRAM GmbH SFH-4703AS Datasheet HTML 5Page - OSRAM GmbH SFH-4703AS Datasheet HTML 6Page - OSRAM GmbH SFH-4703AS Datasheet HTML 7Page - OSRAM GmbH SFH-4703AS Datasheet HTML 8Page - OSRAM GmbH SFH-4703AS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2017-04-07
1
DRAFT – For Reference only.
Subject to change without notice.
2017-04-07
OSLON Black Series (810 nm) - 80°
Preliminary Version 0.0
SFH 4703AS
Ordering Information
Features:
•
IR lightsource with high efficiency
•
Double stack emitter
•
Low thermal resistance (Max. 16 K/W)
•
Centroid wavelength 810 nm
•
Superior Corrosion Robustness (see chapter package outlines)
Applications
•
Infrared Illumination for cameras
•
Surveillance systems
•
Machine vision systems
•
Eye tracking systems
•
Iris Scanning
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 1 A, tp = 10 ms
SFH 4703AS
630 (≥ 500)
Q65112A1370
Note:
measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH-4703AS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
OSLON Compact
SFH-4713A OSRAM-SFH-4713A Datasheet
748Kb / 13P
OSLON Black Series
SFH-4714A OSRAM-SFH-4714A Datasheet
585Kb / 13P
OSLON Black Series
SFH-4715 OSRAM-SFH-4715 Datasheet
500Kb / 14P
OSLON Black Series
SFH-4715A OSRAM-SFH-4715A Datasheet
781Kb / 14P
OSLON Black Series
More results

Similar Description - SFH-4703AS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4715AS OSRAM-SFH-4715AS Datasheet
781Kb / 14P
IR lightsource with high efficiency
SFH-4715S OSRAM-SFH-4715S Datasheet
501Kb / 13P
IR lightsource with high efficiency
SFH-4716A OSRAM-SFH-4716A Datasheet
528Kb / 14P
IR lightsource with high efficiency
SFH-4716AS OSRAM-SFH-4716AS Datasheet
530Kb / 14P
IR lightsource with high efficiency
SFH-4716S OSRAM-SFH-4716S Datasheet
498Kb / 13P
IR lightsource with high efficiency
SFH-4726S OSRAM-SFH-4726S Datasheet
499Kb / 13P
IR lightsource with high efficiency
SFH-4770S OSRAM-SFH-4770S Datasheet
461Kb / 13P
IR lightsource with high efficiency
SFH-4775S OSRAM-SFH-4775S Datasheet
503Kb / 13P
IR lightsource with high efficiency
SFH-4780S OSRAM-SFH-4780S Datasheet
454Kb / 13P
IR lightsource with high efficiency
SFH-4786S OSRAM-SFH-4786S Datasheet
594Kb / 12P
IR lightsource with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com