Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV-3 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DMV-3
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV-3 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DMV-3_15 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV-3_15 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV-3_15 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV-3_15 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page: 2 / 4
Date: 07/21/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-3 SERIES, 3WATT, 2:1 INPUT RANGE
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
DMV3-2421
24(18~36)
±3.3
300
72%
DMV3-2422
±5
300
76%
DMV3-2423
±9
165
81%
DMV3-2424
±12
125
82%
DMV3-2425
±15
100
82%
DMV3-2426
±24
60
83%
DMV3-4811
48(36~72)
3.3
600
70%
DMV3-4812
5
600
80%
DMV3-4813
9
330
81%
DMV3-4814
12
250
82%
DMV3-4815
15
200
84%
DMV3-4816
24
125
84%
DMV3-4821
±3.3
300
72%
DMV3-4822
±5
300
80%
DMV3-4823
±9
165
81%
DMV3-4824
±12
125
82%
DMV3-4825
±15
100
83%
DMV3-4826
±24
60
83%
Notes: 1. Other input and output models may available on request;
2. Above items are defalut to metal case.
ELECTRICAL
Output voltage accuracy
(Full voltage, full load)
+Vo
-Vo
±2% max.
±3% max.
Line regulation
Nominal Load, full voltage
±0.5% max.
Load regulation
20% ~ 100% full load
±1% max.
Ripple and noise
20MHz BM, full load
75mVp-p max.
Operating frequency
Typical value
100KHz typ.
Isolation voltage
(<1mA/min)
Input to output
1500Vdc
Isolation resistance
---
1000mΩ
Temperature coefficient
---
±0.03%/
℃ max.
Operating temperature range
---
-40
℃ to +85℃
Storage temperature range
---
-55
℃ to +120℃
Short circuit protection
---
Continuous, auto-recovery
Relative humidity
---
10%-90%
MTBF
Bellcore TR-332, 25
℃
1000KHrs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com