Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5000SDQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5000SDQ
Description  12V, 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000SDQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5000SDQ Datasheet HTML 1Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 2Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 3Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 4Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 5Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 6Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 7Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 8Page - Monolithic Power Systems MP5000SDQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP5000S
12V, 5A Programmable Current
Limit Switch
MP5000S Rev. 1.0
www.MonolithicPower.com
1
4/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP5000S is a protection device designed to
protect circuitry on the output (source) from
transients on input (VCC). It also protects VCC from
undesired shorts and transients coming from the
source.
At start up, inrush current is limited by limiting the
slew rate at the source. The slew rate is
controlled by a small capacitor at the dv/dt pin.
The dv/dt pin has an internal circuit that allows
the customer to float this pin (no connect) and
still receive 0.9ms ramp time at the source.
The maximum load at the output (source) is
current limited. This is accomplished by utilizing a
sense FET topology. The magnitude of the
current limit is controlled by an external resistor
from the I-Limit pin to the Source pin.
An internal charge pump drives the gate of the
power device, allowing a very low on-resistance
DMOS power FET of just 40m
Ω.
The source is protected from the VCC input being
too low or too high. Under Voltage Lockout
(UVLO) assures that VCC is above the minimum
operating threshold, before the power device is
turned on. If VCC goes above the high output
threshold, the source voltage will be limited.
FEATURES
 Integrated 40mΩ Power FET
 Enable/Fault Pin
 Adjustable Slew Rate for Output Voltage
 Adjustable Current Limit: 1-5A
 Thermal Protection
 Over Voltage Limit
APPLICATIONS
 Hot Swap
 PC Cards
 Laptops
TYPICAL APPLICATION
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP5000SDQ

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP5000S CHENG-YI-MP5000S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
More results

Similar Description - MP5000SDQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
12V, 5A Programmable Current Limit Switch
MP5001 MPS-MP5001 Datasheet
737Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5007 MPS-MP5007 Datasheet
586Kb / 11P
5V, 1A- 5A Programmable Current Limit Switch
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5010S MPS-MP5010S Datasheet
782Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com