Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5010 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5010
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5010 Datasheet HTML 4Page - Monolithic Power Systems MP5010 Datasheet HTML 5Page - Monolithic Power Systems MP5010 Datasheet HTML 6Page - Monolithic Power Systems MP5010 Datasheet HTML 7Page - Monolithic Power Systems MP5010 Datasheet HTML 8Page - Monolithic Power Systems MP5010 Datasheet HTML 9Page - Monolithic Power Systems MP5010 Datasheet HTML 10Page - Monolithic Power Systems MP5010 Datasheet HTML 11Page - Monolithic Power Systems MP5010 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP5010 – 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010 Rev.0.92
www.MonolithicPower.com
10
9/2/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Enable/Fault line must be above the mid
level for the output to be turned on.
The fault flag is an internal flip-flop that can be
set or reset under various conditions:
1. Thermal Shutdown: set fault flag
2. Under Voltage: reset fault flag
3. Low voltage on Enable/Fault pin: reset
fault flag
4. Mid voltage on Enable/Fault pin: no
effect
Under a fault, the Enable/Fault pin is driven to
the mid level.
There are 4 types of faults, and each fault has a
direct and indirect effect on the Enable/Fault pin
and the internal fault flag. In a typical
application there are one or more of the
MP5010 chips in a system. The Enable/Fault
lines will typically be connected together.
Under Voltage Lock Out Operation
If the supply (input) is below the UVLO
threshold, the output is disabled, and the fault
line is driven low.
When the supply goes above the UVLO
threshold, the output is enabled and the fault
line is released. When the fault line is released
it will be pulled high by a 25uA current source.
No external pull up resistor is required. In
addition, the pull up voltage is limited to 5 volts.
Thermal Protection
When thermal protection is triggered, the output
is disabled and the fault line is driven to the mid
level. The thermal fault condition is latched
(meaning the fault flag is set), and the part will
remain latched off until the fault (enable) line is
brought low. Cycling the power below the UVLO
threshold will also reset the fault flag.
Table 3—Fault Function Influence in Application
Fault description
Internal action
Effect on Fault
Pin
Effect on
Flag
Effect on secondary
Part
Short/over current
Limit current
none
none
none
Under Voltage
Output is turned off
Internally drives
Enable/Fault pin to
Logic low
Flag is
reset
Secondary part output is
disabled, and fault flag is
reset.
Over Voltage
Limit output voltage
None
None
None
Thermal Shutdown
Shutdown part. The
part is latched off
until a UVLO or
externally driven to
ground.
Internally drives
Enable/Fault pin
to mid level
Flag is Set
Secondary part output is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com