Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBR608 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STBR608
Description  50-60Hz RECTIFICATION BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR608 Datasheet(HTML) 2 Page - STMicroelectronics

  STBR608 Datasheet HTML 1Page - STMicroelectronics STBR608 Datasheet HTML 2Page - STMicroelectronics STBR608 Datasheet HTML 3Page - STMicroelectronics STBR608 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STBR606/608
2/5
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rth(j-c)
Junction to case
7.4
8
°C/W
Rth(j-a)
Junction to ambient
35
°C/W
THERMAL PARAMETERS
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward voltage drop
IF =6A
1.05
V
IR
Reverse leakage current per
leg
VR =VRRM
Tj = 25°C
5
µA
Tj = 125°C
50
µA
C
Junction capacitance per leg
(note 1)
55
pF
Note 1: Measured at 1MHz and applied reverse voltage of 4V.
ELECTRICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
11
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IF(av)(A)
IP / IF(av)=20
IP / IF(av)=10
IP / IF(av)=5
(capacitive load)
IP / IF(av)=P
(resistive load)
PF(av)(W)
Fig. 1: Average power dissipation of bridge versus
average output current.
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
Tamb(°C)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
Rth(j-a)=35°C/W
IF(av)(A)
Fig. 2: Average output current versus ambient
temperature (resistive load or inductive load)
0.1
1.0
10.0
100.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Free air
Zth(j-a)(°C/W)
Fig. 3: Variation of thermal impedance junction to
ambient versus pulse duration (printed circuit
board epoxy FR4)
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
2.5
VFM(V)
Tj=25°C
Tj=125°C
IFM(A)
Fig. 4: Forward voltage drop versus forward
current (typical values, per leg).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com