Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT5-510 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PLT5-510
Description  Green Laser Diode in TO56 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5-510 Datasheet(HTML) 3 Page - OSRAM GmbH

  PLT5-510 Datasheet HTML 1Page - OSRAM GmbH PLT5-510 Datasheet HTML 2Page - OSRAM GmbH PLT5-510 Datasheet HTML 3Page - OSRAM GmbH PLT5-510 Datasheet HTML 4Page - OSRAM GmbH PLT5-510 Datasheet HTML 5Page - OSRAM GmbH PLT5-510 Datasheet HTML 6Page - OSRAM GmbH PLT5-510 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Version 1.1
PLT5 510
04.04.2016
3
Optical Output Power
Popt = ƒ (IF)
Operating Voltage
VF = ƒ (IF)
Threshold Current
Ith = ƒ (Tcase)
Spectra (B2)
Popt = ƒ (λ)
0
2040
6080
100
0
2
4
6
8
10
12
14
I
F
[mA]
T
case
=20°C
T
case
=60°C
T
case
=40°C
T
case
=0°C
0
2040
6080
100
0
2
4
6
I
F
[mA]
T
case
=60°C
T
case
=40°C
T
case
=20°C
T
case
=0°C
0
204060
20
25
30
35
40
45
T
case
[°C]
514
516
518
520
522
0.0
0.2
0.4
0.6
0.8
1.0
T
case =60 °C
T
case =40 °C
T
case =20 °C
[nm]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com