Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16369 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16369
Description   ~60째 beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16369 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16369 Datasheet HTML 1Page - Ledil, Inc. C16369 Datasheet HTML 2Page - Ledil, Inc. C16369 Datasheet HTML 3Page - Ledil, Inc. C16369 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16369_HB-SQ-W
HB-SQ-W
~60° beam
TECHNICAL SPECIFICATIONS:
Dimensions
25x 25 mm
Height
9.8 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
8.4 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HB-SQ-W
Lens
PMMA
clear
Last update: 23/04/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16369

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163 SIEMENS-C163 Datasheet
3Mb / 283P
16-Bit CMOS Single-Chip Microcontrollers
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
16-bit CMOS Single-Chip Microcontroller
logo
Ledil, Inc.
C16306 LEDIL-C16306 Datasheet
1Mb / 12P
Gabriella Assembly
C16307 LEDIL-C16307 Datasheet
3Mb / 5P
Asymmetric beam for wall-washing
logo
Kemet Corporation
C1632C10012GAC KEMET-C1632C10012GAC Datasheet
937Kb / 7P
CERAMIC CAPACITOR ARRAY
More results

Similar Description - C16369

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14534 LEDIL-F14534 Datasheet
10Mb / 18P
~60째 wide beam
FN14828 LEDIL-FN14828 Datasheet
7Mb / 11P
~60째 medium beam
C15802 LEDIL-C15802 Datasheet
4Mb / 7P
~60째 wide beam
F16636 LEDIL-F16636 Datasheet
5Mb / 6P
~60째 90째 beam
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
~60째 wide beam
F15541 LEDIL-F15541 Datasheet
2Mb / 6P
~60째 beam
C13032 LEDIL-C13032 Datasheet
2Mb / 5P
~60째 wide beam
C16822 LEDIL-C16822 Datasheet
2Mb / 6P
~60째 wide beam
C16826 LEDIL-C16826 Datasheet
2Mb / 6P
~60째 wide beam
C16830 LEDIL-C16830 Datasheet
2Mb / 4P
~60째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com