Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16371 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16371
Description   ~90째 beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16371 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16371 Datasheet HTML 1Page - Ledil, Inc. C16371 Datasheet HTML 2Page - Ledil, Inc. C16371 Datasheet HTML 3Page - Ledil, Inc. C16371 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16371_HB-SQ-WWW
HB-SQ-WWW
~90° beam
TECHNICAL SPECIFICATIONS:
Dimensions
25x 25 mm
Height
9.8 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
8.6 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HB-SQ-WWW
Lens
PMMA
clear
Last update: 23/04/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16371

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16373 LEDIL-C16373 Datasheet
1Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles. Suitable for Indian EESL specification
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
More results

Similar Description - C16371

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16593 LEDIL-CS16593 Datasheet
6Mb / 5P
~90째 wide beam
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
C16669 LEDIL-C16669 Datasheet
18Mb / 4P
~90째 wide beam
C16613 LEDIL-C16613 Datasheet
2Mb / 4P
~90째 wide beam
F16636 LEDIL-F16636 Datasheet
5Mb / 6P
~60째 90째 beam
F15216 LEDIL-F15216 Datasheet
2Mb / 6P
~90째 rectangular beam
CS16781 LEDIL-CS16781 Datasheet
2Mb / 5P
~90째 wide beam
F16455 LEDIL-F16455 Datasheet
5Mb / 5P
~90째 wide beam
C13526 LEDIL-C13526 Datasheet
1Mb / 4P
~90째 wide beam
CS17134 LEDIL-CS17134 Datasheet
18Mb / 4P
~90째 wide beam.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com