Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16373 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16373
Description  Asymmetric IESNA Type I (short) beam designed for tilted poles. Suitable for Indian EESL specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16373 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16373 Datasheet HTML 1Page - Ledil, Inc. C16373 Datasheet HTML 2Page - Ledil, Inc. C16373 Datasheet HTML 3Page - Ledil, Inc. C16373 Datasheet HTML 4Page - Ledil, Inc. C16373 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C16373_SITARA-T1-A
SITARA-T1-A
Asymmetric
IESNA
Type
I
(short)
beam
designed for tilted poles. Suitable for Indian
EESL specification.
TECHNICAL SPECIFICATIONS:
Dimensions
18+18 mm
Height
5.9 mm
Fastening
glue, pin
Colour
clear
Box size
400 x 300 x 300 mm
Box weight
8.4 kg
Quantity in Box
8000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SITARA-T1-A
Lens
PC
clear
Last update: 09/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16373

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16371 LEDIL-C16371 Datasheet
1Mb / 4P
~90째 beam
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
More results

Similar Description - C16373

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16005 LEDIL-C16005 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16051 LEDIL-C16051 Datasheet
4Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16220 LEDIL-C16220 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16414 LEDIL-C16414 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles.
CS16575 LEDIL-CS16575 Datasheet
6Mb / 4P
Asymmetric IESNA Type I (short) beam
CS16579 LEDIL-CS16579 Datasheet
6Mb / 4P
Asymmetric IESNA Type I (short) beam
CA13119 LEDIL-CA13119 Datasheet
1Mb / 8P
Short IESNA Type II beam for narrow roads or high poles with extremely low glare
CA10823 LEDIL-CA10823 Datasheet
1Mb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads
C16045 LEDIL-C16045 Datasheet
2Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com