Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16520 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16520
Description  ~25째 beam with more space for 3535 HP LEDs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16520 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16520 Datasheet HTML 1Page - Ledil, Inc. C16520 Datasheet HTML 2Page - Ledil, Inc. C16520 Datasheet HTML 3Page - Ledil, Inc. C16520 Datasheet HTML 4Page - Ledil, Inc. C16520 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C16520_PETUNIA2
PETUNIA2
~25° beam with more space for 3535 HP LEDs
TECHNICAL SPECIFICATIONS:
Dimensions
29.5+46.5 mm
Height
7.4 mm
Fastening
pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.9 kg
Quantity in Box
1000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
PETUNIA2
Lens array
PMMA
clear
Last update: 21/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
3Mb / 283P
16-Bit CMOS Single-Chip Microcontrollers
logo
Ledil, Inc.
C16503 LEDIL-C16503 Datasheet
3Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C16504 LEDIL-C16504 Datasheet
4Mb / 6P
IESNA Type II Medium beam with excellent back light control
More results

Similar Description - C16520

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA15511 LEDIL-FCA15511_18 Datasheet
6Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
FCP15704 LEDIL-FCP15704 Datasheet
12Mb / 8P
~25째 spot beam . Compatible with ultra high power LEDs.
FCP15708 LEDIL-FCP15708 Datasheet
5Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
CN15815 LEDIL-CN15815 Datasheet
3Mb / 5P
~25째 medium beam with holder
CP13071 LEDIL-CP13071 Datasheet
2Mb / 5P
~25째 25째 rectangular beam
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
CN16209 LEDIL-CN16209 Datasheet
7Mb / 6P
~25째 wide beam with holder
CA12536 LEDIL-CA12536 Datasheet
5Mb / 10P
~25째 medium beam
CP13666 LEDIL-CP13666 Datasheet
2Mb / 5P
~25째 diffused beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com