Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA15230 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA15230
Description  ~35째 medium beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15230 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA15230 Datasheet HTML 1Page - Ledil, Inc. CA15230 Datasheet HTML 2Page - Ledil, Inc. CA15230 Datasheet HTML 3Page - Ledil, Inc. CA15230 Datasheet HTML 4Page - Ledil, Inc. CA15230 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA15230_VERONICA-SQ-MINI-M
VERONICA-SQ-MINI-M
~35° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
13.9+13.9 mm
Height
8.9 mm
Fastening
tape, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
9.4 kg
Quantity in Box
5544 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
VERONICA-SQ-MINI-M
Lens
PMMA
clear
VERONICA-SQ-MINI-TAPE
Tape
Acrylic foam
clear
Last update: 12/04/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA15230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
CA1523 INTERSIL-CA1523 Datasheet
176Kb / 6P
Voltage Regulator Control Circuit for Variable Switching Regulator
November 2000
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
logo
Intersil Corporation
CA1523E INTERSIL-CA1523E Datasheet
59Kb / 6P
Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
CA1523E INTERSIL-CA1523E Datasheet
176Kb / 6P
Voltage Regulator Control Circuit for Variable Switching Regulator
November 2000
More results

Similar Description - CA15230

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16010 LEDIL-F16010 Datasheet
8Mb / 6P
~35째 medium beam
C15801 LEDIL-C15801 Datasheet
4Mb / 7P
~35째 medium beam
C11232 LEDIL-C11232 Datasheet
2Mb / 4P
~35째 medium beam
C16264 LEDIL-C16264 Datasheet
2Mb / 5P
~35째 medium beam compatible
CP15215 LEDIL-CP15215 Datasheet
3Mb / 5P
~35째 medium beam.
C13556 LEDIL-C13556 Datasheet
3Mb / 7P
~35째 medium beam
C13095 LEDIL-C13095 Datasheet
4Mb / 9P
~35째 medium beam with 3 optics
C12150 LEDIL-C12150 Datasheet
1Mb / 7P
~35째 medium beam
CA15551 LEDIL-CA15551 Datasheet
1Mb / 5P
~35째 medium beam. Variant made from PC.
CN14237 LEDIL-CN14237 Datasheet
7Mb / 14P
~35째 medium beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com