Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6444 Datasheet(PDF) 46 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 42Page - STMicroelectronics VV6444 Datasheet HTML 43Page - STMicroelectronics VV6444 Datasheet HTML 44Page - STMicroelectronics VV6444 Datasheet HTML 45Page - STMicroelectronics VV6444 Datasheet HTML 46Page - STMicroelectronics VV6444 Datasheet HTML 47Page - STMicroelectronics VV6444 Datasheet HTML 48Page - STMicroelectronics VV6444 Datasheet HTML 49Page - STMicroelectronics VV6444 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
46
STV0680F_444pckg.fm
16
RESETB
ID
System Reset. Active Low.
SERIAL INTERFACE
42
SCL
ID
Serial bus clock (input only).
41
SDA
BI
Serial bus data (bidirectional, open drain).
DIGITAL VIDEO INTERFACE
39
38
35
34
D[3]
D[2]
D[1]
D[0]]
ODT
Tristateable 4-wire output data bus. D[3] is the most significant bit.
33
QCK
ODT
Tristateable data qualification clock.
40
FST
ODT
Not required by STV0680A
17
OEB
ID
Digital output (tristate) enable.
SYSTEM CLOCKS
31
CLKI
ID
Oscillator input.
32
CLKO
OD
Oscillator output.
Do not connect
18
21-28
DNC
Do not connect
Key
A
Analogue Input
D
Digital Input
OA
Analogue Output
ID
Digital input with internal pull-up
BI
Bidirectional
ID
Digital input with internal pull-down
BI
Bidirectional with internal pull-up
OD
Digital Output
BI
Bidirectional with internal pull-down
ODT
Tristateable Digital Output
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com