Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3332 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP3332 Datasheet HTML 19Page - Monolithic Power Systems MP3332 Datasheet HTML 20Page - Monolithic Power Systems MP3332 Datasheet HTML 21Page - Monolithic Power Systems MP3332 Datasheet HTML 22Page - Monolithic Power Systems MP3332 Datasheet HTML 23Page - Monolithic Power Systems MP3332 Datasheet HTML 24Page - Monolithic Power Systems MP3332 Datasheet HTML 25Page - Monolithic Power Systems MP3332 Datasheet HTML 26Page - Monolithic Power Systems MP3332 Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
23
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 12: Actual Flash LED Current Register
Addr: 0x0A
Bit
Bit Name
Access
Default
Description
7:0
IFL_ACT
R
00000000
The actual flash current in flash mode. 0 to 1500mA,
5.88mA/step.
00000000 = 0mA, 11111111 = 1500mA
Table 13: Minimum Flash LED Current Register
Addr: 0x0B
Bit
Bit Name
Access
Default
Description
7:0
IFL_MIN
R
00000000
The minimum flash current caused by a low battery
voltage current reduction in flash mode. 0 to 1500mA,
5.88mA/step.
00000000 = 0mA, 11111111 = 1500mA
Table 14: LED1 Torch Current Setting Register
Addr: 0x0C
Bit
Bit Name
Access
Default
Description
7:0
I1_TOR
RW
00010101
LED1 torch current setting bits. 0 to 1500mA,
5.88mA/step.
00000000 = 0mA, 11111111 = 1500mA
(default 00010101 = 123mA)
Table 15: LED2 Torch Current Setting Register
Addr: 0x0D
Bit
Bit Name
Access
Default
Description
7:0
I2_TOR
RW
00010101
LED2 torch current setting bits. 0 to 1500mA,
5.88mA/step.
00000000 = 0mA, 11111111 = 1500mA
(default 00010101 = 123mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com