Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6410C036 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VV6410C036
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 33Page - STMicroelectronics VV6410C036 Datasheet HTML 34Page - STMicroelectronics VV6410C036 Datasheet HTML 35Page - STMicroelectronics VV6410C036 Datasheet HTML 36Page - STMicroelectronics VV6410C036 Datasheet HTML 37Page - STMicroelectronics VV6410C036 Datasheet HTML 38Page - STMicroelectronics VV6410C036 Datasheet HTML 39Page - STMicroelectronics VV6410C036 Datasheet HTML 40Page - STMicroelectronics VV6410C036 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
37
STV0680F_contents.fm
Table 23 : STV0680A Pin listing
Key:
•
SL - slew rate limited output
•
OD - open drain output
•
S - schmitt input
•
A - analog input/output
•
T - 5V tolerant pad (these pads do not have diode protection)
Where the I/O pad type is not explicitly defined in the above notes, assume CMOS.
Note: GPIO are not ‘general purpose’, in the sense that their function is predetermined (e.g. GPIO0 = MODE, GPIO2 is Unused),
dependant on the variant number of STV0680/STV0680A, denoted by the suffix on the part number -00x.
47
TEST2
Input
Non-user pin - connect to 3V3
81
DACRES
Non-user pin
I(A)
See example schematic in Section 9.
DAC bias amplifier reference input
82
DACOUT
Non-user pin
O (A)
See example schematic in Section 9.
8-bit DAC current source output
0-10mA (2)
Pin no.
Signal
Type
Description
drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com