Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3378 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3378
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3378 Datasheet HTML 1Page - Monolithic Power Systems MP3378 Datasheet HTML 2Page - Monolithic Power Systems MP3378 Datasheet HTML 3Page - Monolithic Power Systems MP3378 Datasheet HTML 4Page - Monolithic Power Systems MP3378 Datasheet HTML 5Page - Monolithic Power Systems MP3378 Datasheet HTML 6Page - Monolithic Power Systems MP3378 Datasheet HTML 7Page - Monolithic Power Systems MP3378 Datasheet HTML 8Page - Monolithic Power Systems MP3378 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
5
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN1 = VIN2 = 12 V, VEN = 5 V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
WLED controller section
Supply current (quiescent)
IQ1
VIN1 = 12 V, VEN = 5 V, no
load
without
switching,
buck disabled
1.2
1.35
1.5
mA
Supply current (shutdown)
IST
VEN = 0 V, VIN = 12 V, buck
disabled
1
μA
LDO output voltage
VCC1
VEN = 5 V,
7 V < VIN1 < 28 V,
0 < IVCC1 < 10 mA
5.4
6
6.6
V
VCC1 UVLO threshold
VCC1_UVLO
Rising edge
3.6
4
4.4
V
VCC1 UVLO hysteresis
200
mV
EN high voltage
VEN_HIGH
VEN rising
1.8
V
EN low voltage
VEN_LOW
VEN falling
0.6
V
STEP-UP CONVERTER
Gate
driver
impedance
(sourcing)
VCC1 = 6 V, VGATE = 6 V
4.1
7
Gate
driver
impedance
(sinking)
VCC1 = 6 V, IGATE = 10 mA
3
5
Switching frequency
fSW1
ROSC = 115 kΩ
470
530
590
kHz
ROSC = 374 kΩ
150
180
210
kHz
OSC voltage
VOSC
1.20
1.23
1.26
V
Maximum duty cycle
DMAX1
93
%
Cycle-by-cycle
ISENSE
current limit
Max duty cycle
145
180
230
mV
COMP source current limit
ICOMP SOLI
1 V < COMP < 1.9 V
70
μA
COMP sink current limit
ICOMP SILI
1 V < COMP < 1.9 V
17
μA
COMP transconductance
GCOMP
ΔI
COMP = ±10 μA
440
μA/V
CURRENT DIMMING
PWM input low threshold
VPWM_LO
VPWM falling
0.75
V
PWM input high threshold
VPWM_HI
VPWM rising
1.25
V
Analog dimming input low
threshold
0.38
0.41
0.44
V
Analog dimming input high
threshold
1.44
1.49
1.54
V
LED CURRENT
REGULATION
ISET voltage
VISET
1.20
1.225
1.25
V
LEDX average current
ILED
RISET = 30.5 kΩ
31.4
32
34.2
mA
Current matching
(5)
ILED = 32 mA
2.5
%
VCC max current limit
ICC1_Limit
50
75
100
mA
LED FET resistance
R_LED
ILED = 10 mA
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com