Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3385A Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3385A Datasheet HTML 11Page - Monolithic Power Systems MP3385A Datasheet HTML 12Page - Monolithic Power Systems MP3385A Datasheet HTML 13Page - Monolithic Power Systems MP3385A Datasheet HTML 14Page - Monolithic Power Systems MP3385A Datasheet HTML 15Page - Monolithic Power Systems MP3385A Datasheet HTML 16Page - Monolithic Power Systems MP3385A Datasheet HTML 17Page - Monolithic Power Systems MP3385A Datasheet HTML 18Page - Monolithic Power Systems MP3385A Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
15
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
500mV by the OCP2:0 bits in register 05H.
When the current exceeds the current limit
value, the IC latches off until the power is reset
or EN is toggled when operating in latch-off
mode if the OCPM bit = 0. The device restarts
when the current drops below the current limit
again if the OCPM bit = 1.
Short Inductor/Diode Protection
When the external inductor or diode is shorted,
the IC provides protection by detecting the
current flowing through the power MOSFET.
When the current sense voltage across the
sense resistor (connected between IS and GND)
hits the current protection threshold and lasts
for four switching cycles, the IC stops switching
and latches.
Thermal Shutdown Protection
To prevent the IC from operating at exceedingly
high
temperatures,
thermal
shutdown
is
implemented
to
detect
the
silicon
die
temperature.
When
the
die
temperature
exceeds the upper threshold (TST), the IC shuts
down. The IC resumes normal operation when
the die temperature drops below the lower
threshold. Typically, the hysteresis value is
25°C.
Fault
Flag
Output
and
Fault
Register
Indicator
FT remains in an open-drain condition when the
LED driver is operating in a normal condition. It
is connected to VCC by an external 100kΩ
resistor and pulled to logic high when there is
no fault. FT goes to logic low if a fault occurs.
Set the corresponding fault bit in register 03H to
1.
I
2C Interface Register Description
I
2C Chip Address
After the start condition, the I2C-compatible
master sends a 7-bit address followed by an
eighth read (Read: 1) or write (Write: 0) bit. The
bit indicates the register address to or from
which the data is written or read (see Figure 3).
Figure 3: The I
2C Compatible Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com