Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3387AGRT Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3387AGRT
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387AGRT Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3387AGRT Datasheet HTML 8Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 9Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 10Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 11Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 12Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 13Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 14Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 15Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
15
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
Figure 5: Driving 12 LED Strings with a Single Power (Cascade Structure)
NOTE: Some components are reasonably adjustable based on real cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com