Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398EGP Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3398EGP
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398EGP Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3398EGP Datasheet HTML 9Page - Monolithic Power Systems MP3398EGP Datasheet HTML 10Page - Monolithic Power Systems MP3398EGP Datasheet HTML 11Page - Monolithic Power Systems MP3398EGP Datasheet HTML 12Page - Monolithic Power Systems MP3398EGP Datasheet HTML 13Page - Monolithic Power Systems MP3398EGP Datasheet HTML 14Page - Monolithic Power Systems MP3398EGP Datasheet HTML 15Page - Monolithic Power Systems MP3398EGP Datasheet HTML 16Page - Monolithic Power Systems MP3398EGP Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP3398E
– 4-STRING, 80V, STEP-UP, WLED CONTROLLER
MP3398E Rev. 1.02
www.MonolithicPower.com
14
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The on resistance of the MOSFET determines
the conduction loss, which is given by Equation
(9):
k
R
I
P
(on)
DS
2
RMS
cond
(9)
Where k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS1,
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the VGS vs. QG chart
in the MOSFET datasheet. QGD is the charge
during
the
plateau
voltage.
These
two
parameters are needed to estimate the turn-on
and turn-off losses and can be calculated with
Equation (10):
SW
IN
DS
PLT
DR
G
GD
SW
IN
DS
TH
DR
G
GS1
SW
f
I
V
V
V
R
Q
f
I
V
V
V
R
Q
P
(10)
Where VTH is the threshold voltage, VPLT is the
plateau voltage, VDS is the drain-source voltage,
and
RG
is
the
gate
resistance.
RG
is
recommended to be 10-20
Ω.
Please note that calculating the switching loss
is the most difficult part of loss estimation. The
formula above provides a simplified equation.
For more accurate estimates, the equation
becomes much more complex.
The total gate charge (QG) is used to calculate
the gate drive loss and can be calculated with
Equation (11):
SW
DR
G
DR
f
V
Q
P
(11)
Where VDR is the drive voltage.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors
with X7R dielectrics are recommended for their
low ESR characteristics. A 4.7
μF ceramic
capacitor in parallel with a 22~47
μF electrolytic
capacitor is sufficient for most applications.
Setting the Over-Voltage Protection (OVP)
Open-string protection is achieved through the
detection of the voltage on OVP. In some cases,
an LED string failure results in the feedback
voltage always being zero. The MP3398E
continues boosting the output voltage higher
and higher. If the output voltage reaches the
programmed OVP threshold, the protection is
triggered.
To ensure that the chip functions properly, an
appropriate OVP voltage is required. The
recommended OVP point is about 1.1 to 1.2
times higher than the output voltage for normal
operation. The OVP voltage is set by an
external resistor on OVP and can be calculated
with Equation (12):
HIGH
OVP
LOW
R
V
2(V) (1
)
R
 
(12)
Expanding LED Channels
The MP3398E can expand the number of LED
channels by using two or three ICs in parallel.
To connect two ICs for a total of eight LED
strings, tie the VCC pins of the master IC and
the slave IC together to power the slave IC
internal logic circuitry. Tie the COMP pins of the
slave IC and the master IC together to regulate
the voltage of all eight LED strings. The slave
IC MOSFET driving signal is not used; the
boost converter can be driven by the master IC
only. Do not leave the ISENSE of the slave IC
floating; tie it to ground. Apply the EN and DIM
signals to both ICs.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation and reducing EMI noise. For best
results, follow the guidelines below:
1. Ensure that the loop among the external
MOSFET, the output diode, and the output
ceramic capacitor is as small and short as
possible since it carries a high-frequency
pulse current.
2. Separate the power ground (PGND) and
signal
ground
(GND)
to
reduce
noise
affection.
3. Connect PGND and GND together. All logic
signals refer to the signal ground.
4. Place ceramic capacitors as close to VIN
and VCC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com