Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4655 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP4655
Description  Pure, Single-Stage, LLC, LED Current and System Voltage Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4655 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP4655 Datasheet HTML 21Page - Monolithic Power Systems MP4655 Datasheet HTML 22Page - Monolithic Power Systems MP4655 Datasheet HTML 23Page - Monolithic Power Systems MP4655 Datasheet HTML 24Page - Monolithic Power Systems MP4655 Datasheet HTML 25Page - Monolithic Power Systems MP4655 Datasheet HTML 26Page - Monolithic Power Systems MP4655 Datasheet HTML 27Page - Monolithic Power Systems MP4655 Datasheet HTML 28Page - Monolithic Power Systems MP4655 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
MP4655–PURE, SINGLE-STAGE, LLC, LED CURRENT AND SYSTEM VOLTAGE CONTROLLER
MP4655 Rev 1.0
www.MonolithicPower.com
25
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Over-Current
Protection
for
the
System
Output Stage (VOCP)
VOCP implements an over-current protection for
the system output voltage stage. The current of
the system output voltage stage is sensed on
VOCP with a negative polarity. When the voltage
on VOCP is lower than -203mV, the IC triggers
the system output voltage stage protection.
Calculate
the
over-bus
current
protection
threshold with Equation (15):
=
OCP _ Bus
VOCP
203mV
I
R
(15)
Typically, the protection point is around 1.5 to 3
times the normal current of the system output
voltage stage.
Over-Current Protection for the LED Driver
Stage (IOCP/FAULT)
IOCP detects the current through the LED stage
with a negative polarity. When the voltage on
IOCP falls below -320mV, the IC triggers LED
driver stage protection. Calculate the over-LED
current protection threshold with Equation (16):
=
OCP _ LED
IOCP
320mV
I
R
(16)
The over-current protection point for the LED
stage can be set at around 1.5 to 2 times the
total current through the LED strings.
ICOP also functions as the fault indicator for the
system. When either LED driver stage protection,
system bus voltage protection, or capacitive
mode protection are triggered, the fault signal
output is high. Place a 10kΩ resistor between
IOCP and the LED stage current sense point.
Over-LED
Voltage
Protection
and
LED
Voltage Difference Protection (VLED1, VLED2)
VLED1 and VLED2 sense the LED voltages and
function as the over-LED voltage protection. The
voltage divider sets the over-voltage protection
point with Equation (17):
+
=×
OVPH
OVPL
OVP
OVPL
RR
V2.41V
R
(17)
Normally, the OVP point is set about 10% - 30%
higher than the maximum LED voltage.
The MP4655 also implements protection when
the LED string voltages are different from each
other to protect the condition in which several
LEDs in a string are shorted. This protection is
used only for multiple-string applications. The
protection point of the voltage difference between
the LED strings is set with Equation (18):
+
+
Δ=
×
×
×
input
OVPH
OVPL
pro
OVPL
20k R
RR
V2.41V
R16 20k
(18)
Where Rinput is the input resistance of VLED1 or
VLED2). Adjust the input resistance to program
the protection point.
A resistor (RX) can be added between the voltage
divider and VLED1 or VLED2 to adjust the input
resistance. See Equation (19):
OVPH
OVPL
input
X
OVPL
OVPH
RR
RR
RR
×
=+
+
(19)
Capacitive
Mode
Protection
(CMODE,
FTH_CMODE)
The MP4655 implements individual capacitive
mode protection for the LLC power stage from
the secondary side. CMODE monitors the
secondary side winding voltage and functions as
the capacitive mode protection. The winding
voltage polarity is positive (high) when GL is on.
When capacitive mode is detected, the IC
decreases the SS voltage and increases the
operating frequency to attempt to move the
power stage to inductive mode. FTH_CMODE
sets the threshold frequency to trigger capacitive
mode protection. If the operating frequency is
higher than that set by FTH_CMODE and
capacitive mode is still detected, the IC triggers
capacitive mode protection. Connect a resistor
on FTH_CMODE to set the threshold frequency.
See Equation (20):
=
9
th_Cmode
Fth _ Cmode
1.2V
f(
) *11.4 *10 (Hz)
R
(20)
PWM Dimming Input (PWM)
PWM is for the PWM dimming input. Apply a
PWM dimming signal with a frequency between
100Hz to 2kHz on PWM. The PWM dimming has
positive polarity.
PWM Dimming Signal Output (DIMO)
DIMO outputs a PWM dimming signal to drive the
external dimming N-channel MOSFET in series
with the LED string and achieves fast PWM
dimming. Connect a resistor in series with DIMO
to adjust the driving speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com