Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5018 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5018
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5018 Datasheet HTML 7Page - Monolithic Power Systems MP5018 Datasheet HTML 8Page - Monolithic Power Systems MP5018 Datasheet HTML 9Page - Monolithic Power Systems MP5018 Datasheet HTML 10Page - Monolithic Power Systems MP5018 Datasheet HTML 11Page - Monolithic Power Systems MP5018 Datasheet HTML 12Page - Monolithic Power Systems MP5018 Datasheet HTML 13Page - Monolithic Power Systems MP5018 Datasheet HTML 14Page - Monolithic Power Systems MP5018 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP5018 –5V, 1A-5A CURRENT LIMIT SWITCH WITH REVERSE CURRENT BLOCKING
AND OUTPUT OVER-VOLTAGE CLAMP
MP5018 Rev. 1.02
www.MonolithicPower.com
13
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Current Limit
The MP5018 current limit value should exceed
the normal maximum load current, allowing the
tolerances in the current sense value. The
current limit is a function of the external current-
limit resistor. Table 2 and Figure 2 list examples
of current limit values as a function of the
resistor value.
Table 2: Current Limit vs. Current Limit Resistor
Current Limit
Resistor (Ω)
1070
560
442
274
215
Current Limit
(A)
1
2
2.5
4
5
Figure 2: Current Limit vs. Current Limit
Resistor
PCB Layout Guide (7)
PCB layout is benefit for better performance.
Please follow these guidelines and use Figure 3
as reference.
1. Place the high-current paths (VCC and
VOUT) close to the device using short, direct,
and wide traces.
2. Place the input capacitors as close to the
VCC and GND pins as possible.
3. Connect the VCC and VOUT pads to large
copper to achieve better thermal performance.
4. Place current limit resistor R1 close to the
ILIMIT pin.
5. Place SS capacitor C2 close to SS pin.
Note: The recommend layout is based on the typical application
circuit shown in figure 4.
C1
C3
C2
R1
EN
SAS
GND
GND
VCC
VCC
VCC
VOUT
VOUT
VOUT
GND
Top Layer
Bottom Layer
GND
Figure 3: PCB Layout
Design Example
Below is a design example following the
application
guidelines
for
the
given
specifications:
Table 3: Design Example
VIN (V)
5
Current Limit (A)
3
SS Time (ms)
13
The detailed application schematic is shown in
Figure 4. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
detailed device applications, please refer to the
related
Evaluation
Board
Datasheets
of
MP5018.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com