Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5021 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems MP5021 Datasheet HTML 15Page - Monolithic Power Systems MP5021 Datasheet HTML 16Page - Monolithic Power Systems MP5021 Datasheet HTML 17Page - Monolithic Power Systems MP5021 Datasheet HTML 18Page - Monolithic Power Systems MP5021 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
15
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The SS capacitor value is given by
⋅ τ
=
SS
SS
SS
5
C
R
Where:
τSS=soft start time
RSS=1MΩ
For example, a 100nF capacitor gives a soft-start
time of 20ms.
If the load capacitance is extremely large, the
current required to maintain the preset soft-start
time will exceed the current limit. Then the load
capacitor and the current limit control the rise
time.
Float the SS pin to generate a fast ramp-up
voltage. A 4μA current source pulls up the gate of
the power FET. The gate charge current controls
the output voltage rise time. The approximate
soft-start time is about 1ms, which is the
minimum soft-start time.
Enable Pin and EN Blanking Time
The EN pin enables the part when HIGH and
disables the part when low. Floating the EN pin
sets the part to auto-startup thanks to an internal
1μA pull-up current source.
TIMER
t
VIN
1.23V
EN
VOUT
ENTM
t1
EN blanking time
t2
Insertion delay
1.23V
1uA
Figure 5: EN Blanking Time
As shown in Figure 5, EN has a programmable
blanking time of up to 1s that prevents EN from
de-asserting during the blanking time. All fault
functionality continues to operative during the
start-up so that the power switch shuts down if a
fault was detected; however, the switch will not
turn off if EN goes LOW during this blanking time.
At the end of the blanking time, EN behaves
normally.
Set the blanking time with a capacitor connected
to the ENTM pin. The following estimates a value
for the blanking timer capacitor:
−
τ⋅
=
6
ENB
ENB
10
C
1.23
Where:
τENB=EN blanking time
CENB=EN blanking time capacitor
For example, a 1μF capacitor gives a blanking
time of 1.23s.
Floating the ENTM pin generates a fast ramp-up
voltage on the ENTM pin. The blanking time
during this period is negligible.
When EN enables the part, the insertion delay
timer starts. When the insertion delay time ends,
the internal 4μA current source charges the
power FET’s gate. Charging takes about 1.5ms
for VGS to reach its threshold. Then the output
voltage rises following the SS-controlled slew
rate.
Damaged MOSFET Detection
The MP5021 can detect a shorted pass FET
during power-up by treating an output voltage
that exceeds VIN-1V during power-up as a short
on the MOSFET. The FLTB pin goes low to
indicate a fault condition and the power switch
remains off. Once the VOUT≤VIN-1, the part starts
up normally.
Internal VCC Sub-Regulator
The MP5021 has an internal 5V linear sub-
regulator that steps down the input voltage to
generate a 5V power supply that powers low-
voltage circuitry. The regulator is enabled when
VIN exceeds its UVLO threshold and EN is high.
In EN shutdown mode, the internal VCC
regulator is disabled to reduce power dissipation.
PD Pin
When the PD pin connects to the output, the part
is in pull-down mode. In this mode, when the
enable pin is low, an integrated 500Ω pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com