Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5075 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5075
Description  5.5V, 2.4A, Low RDS(ON) Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5075 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5075 Datasheet HTML 4Page - Monolithic Power Systems MP5075 Datasheet HTML 5Page - Monolithic Power Systems MP5075 Datasheet HTML 6Page - Monolithic Power Systems MP5075 Datasheet HTML 7Page - Monolithic Power Systems MP5075 Datasheet HTML 8Page - Monolithic Power Systems MP5075 Datasheet HTML 9Page - Monolithic Power Systems MP5075 Datasheet HTML 10Page - Monolithic Power Systems MP5075 Datasheet HTML 11Page - Monolithic Power Systems MP5075 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP5075
– 5.5V, 2.4A, LOW RDS(ON) LOAD SWITCH
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should
warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application.
MPS will not assume any legal responsibility for any said applications.
MP5075 Rev 1.0
www.MonolithicPower.com
12
2/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOT563
FRONT VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-293, VARIATION UAAD.
6) DRAWING IS NOT TO SCALE.
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
PIN 1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com