Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS16593 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16593
Description  ~90째 wide beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16593 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16593 Datasheet HTML 1Page - Ledil, Inc. CS16593 Datasheet HTML 2Page - Ledil, Inc. CS16593 Datasheet HTML 3Page - Ledil, Inc. CS16593 Datasheet HTML 4Page - Ledil, Inc. CS16593 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CS16593_HB-IP-2X6-G2-WWW
HB-IP-2X6-G2-WWW
~90° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
172.0 x 71.0 mm
Height
8.2 mm
Fastening
pin, screw
Colour
Box size
476 x 273 x 247 mm
Box weight
5.8 kg
Quantity in Box
132 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HB-IP-2X6-G2-WWW
Lens
PMMA
clear
SEAL-IP-2X6-G2
Seal
Silicone
Last update: 15/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS16593

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS1650 ETC-CS1650 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Ledil, Inc.
CS16511 LEDIL-CS16511 Datasheet
6Mb / 5P
~60째 wide beam
CS16515 LEDIL-CS16515 Datasheet
2Mb / 4P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads.
CS16575 LEDIL-CS16575 Datasheet
6Mb / 4P
Asymmetric IESNA Type I (short) beam
CS16577 LEDIL-CS16577 Datasheet
6Mb / 5P
IESNA Type V (square) beam for wide areas lighting such as car parks
More results

Similar Description - CS16593

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
F11947 LEDIL-F11947 Datasheet
1Mb / 6P
~90째 160째 wide beam
C12353 LEDIL-C12353 Datasheet
2Mb / 4P
~90째 170째 wide area beam
C16669 LEDIL-C16669 Datasheet
18Mb / 4P
~90째 wide beam
C16613 LEDIL-C16613 Datasheet
2Mb / 4P
~90째 wide beam
F17194 LEDIL-F17194 Datasheet
1Mb / 4P
~90째 100째 wide beam
CS16781 LEDIL-CS16781 Datasheet
2Mb / 5P
~90째 wide beam
F16455 LEDIL-F16455 Datasheet
5Mb / 5P
~90째 wide beam
C13526 LEDIL-C13526 Datasheet
1Mb / 4P
~90째 wide beam
CS17134 LEDIL-CS17134 Datasheet
18Mb / 4P
~90째 wide beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com