Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L080 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12L080
Description  12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L080 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC12L080 Datasheet HTML 13Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 14Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 15Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 16Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 17Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 18Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 19Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 20Page - National Semiconductor (TI) ADC12L080 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Functional Description
Operating on a single +3.3V supply, the ADC12L080 uses a
pipeline architecture with error correction circuitry to help
ensure maximum performance.
Differential analog input signals are digitized to 12 bits. Each
analog input signal should have a peak-to-peak voltage
equal to the input reference voltage, V
REF, be centered
around V
REF and be 180˚ out of phase with each other. Table
1 and Table 2 indicate the input to output relationship of the
ADC12L080. Although a differential input signal is required
for rated operation, single-ended operation is possible with
reduced performance if one input is biased to V
REF and the
other input is driven. If the driven input is presented with its
full range signal, there will bea6dB reduction of the output
range, limiting it to the range of 1⁄4 to 3⁄4 of the minimum
output range obtainable if both inputs were driven with com-
plimentary signals. Section 2.2 explains how to avoid this
signal reduction.
TABLE 1. Input to Output Relationship — Differential
Input
V
IN+
V
IN−
Output
V
CM −VREF
V
CM +VREF
0000 0000 0000
V
CM −0.5 * VREF
V
CM +0.5 * VREF
0100 0000 0000
V
CM
V
CM
1000 0000 0000
V
CM +0.5 * VREF
V
CM −0.5 * VREF
1100 0000 0000
V
CM +VREF
V
CM −VREF
1111 1111 1111
TABLE 2. Input to Output Relationship — Single-Ended
Input
V
IN+
V
IN−
Output
V
CM −2*VREF
V
CM
0000 0000 0000
V
CM −VREF
V
CM
0100 0000 0000
V
CM
V
CM
1000 0000 0000
V
CM +VREF
V
CM
1100 0000 0000
V
CM +2*VREF
V
CM
1111 1111 1111
The output word rate is the same as the clock frequency,
which may be in within the range indicated in the Electrical
Tables. The analog input voltage is acquired at the rising
edge of the clock and the digital data for that sample is
delayed by the pipeline for 6 clock cycles.
A logic high on the power down (PD) pin reduces the con-
verter power consumption to 50 mW.
Applications Information
1.0 OPERATING CONDITIONS
We recommend that the conditions in the Operating Table be
observed for operation of the ADC12L080.
2.0 ANALOG INPUTS
The ADC12L080 has two analog signal inputs, V
IN+ and
V
IN−, which form a differential input pair. There is one refer-
ence input pin, V
REF.
2.1 Reference Pins
The ADC12L080 can be used with the internal 1.0V refer-
ence or with an external reference. While designed and
specified to operate with a 1.0V reference, the ADC12L080
performs well with reference voltages in the range of indi-
cated in the Operating Ratings table. Lower reference volt-
ages will decrease the signal-to-noise ratio (SNR) of the
ADC12L080. Higher reference voltages (and input signal
swing) will degrade THD performance for a full-scale input.
An input voltage below 2.0V at pin 1 (V
REF) is interpreted to
be an external reference and is used as such. Connecting
this pin to the analog supply (V
A) will force the use of the
internal 1.0V reference.
It is very important that all grounds associated with the
reference voltage and the input signal make connection to
the analog ground plane at a single, quiet point to minimize
the effects of noise currents in the ground path.
The reference input pin serves two functions. When the input
at this pin at or below 2V, this voltage is accepted as the
reference for the converter. When this voltage is connected
to V
A, then internal 1.0V reference is used. Functionality is
undefined with voltages at this pin between 2V and V
A.
The three Reference Bypass Pins (V
RP,VRM and VRN) are
made available for bypass purposes only. These pins should
each be bypassed to ground with a 0.1 µF capacitor, and a
1.0 µF should be connected from V
RP to VRN. Higher capaci-
tances will result in a longer power down exit cycle. Lower
capacitances may result in degraded dynamic performance.
DO NOT LOAD these pins.
2.2 Signal Inputs
The signal inputs are V
IN+ and VIN−. The input signal, VIN,is
defined as
V
IN =(VIN+)– (VIN−)
Figure 2 shows the expected input signal range. Note that
the nominal input common mode voltage, V
CM,isVA/2 and
the nominal input signals each run between the limits of
AGND and V
REF. The Peaks of the input signals should
never exceed the voltage described as
Peak Input Voltage = V
A − 0.5V
to maintain dynamic performance.
The ADC12L080 performs best with a differential input, each
of which should be centered around a common mode volt-
age, V
CM. The peak-to-peak voltage swing at both VIN+ and
V
IN− should not exceed the value of the reference voltage or
the output data will be clipped. The two input signals should
be exactly 180˚ out of phase from each other and of the
same amplitude. For single frequency inputs, angular errors
result in a reduction of the effective full scale input. For a
complex waveform, however, angular errors will result in
distortion.
20061011
FIGURE 2. Expected Input Signal Range
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com