Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-V8/FLK14/IN Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # PLC-V8/FLK14/IN
Description  Solid-state relay module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-V8/FLK14/IN Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button PLC-V8/FLK14/IN Datasheet HTML 3Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 4Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 5Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 6Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 7Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 8Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 9Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 10Page - PHOENIX CONTACT PLC-V8/FLK14/IN Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967565
05/25/2018   Page 8 / 11
Solid-state relay module - PLC-OSP-230UC/ 48DC/100 - 2967565
Accessories
 
 
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
DIN rail perforated, Standard profile, width: 35 mm, height: 7.5 mm, in acc. with EN 60715: 2001, material: Steel,
galvanized, passivated with a thick layer, length: 2000 mm, color: silver
 
 
DIN rail, unperforated - NS 35/ 7,5 CU UNPERF 2000MM - 0801762
DIN rail, unperforated, Standard profile, width: 35 mm, height: 7.5 mm, in acc. with EN 60715: 2001,
material: Copper, uncoated, length: 2000 mm, color: copper-colored
 
 
DIN rail, unperforated - NS 35/15 UNPERF 2000MM - 1201714
DIN rail, unperforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715: 2001, material: Steel,
galvanized, passivated with a thick layer, length: 2000 mm, color: silver
 
 
DIN rail, unperforated - NS 35/15 CU UNPERF 2000MM - 1201895
DIN rail, unperforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715: 2001, material: Copper,
uncoated, length: 2000 mm, color: copper-colored
 
 
DIN rail, unperforated - NS 35/15-2,3 UNPERF 2000MM - 1201798
DIN rail, unperforated, Standard profile 2.3 mm, width: 35 mm, height: 15 mm, in acc. with EN 60715: 2001,
material: Steel, galvanized, passivated with a thick layer, length: 2000 mm, color: silver
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com