Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC
Description  Accessories for the PLC INTERFACE Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC Datasheet HTML 1Page - PHOENIX CONTACT PLC Datasheet HTML 2Page - PHOENIX CONTACT PLC Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© PHOENIX CONTACT - 02/2007
103153_00_en
INTERFACE
PLC ACCESSORIES
Data Sheet
Description
PLC-ESK Power Terminal Block
The 9 mm PLC-ESK GY power terminal block is the same
shape as the PLC INTERFACE modules. It is used to
supply the bridging potentials. Its nominal current is 32 A.
For currents
≤ 6 A, the power can be supplied directly at the
connection terminal blocks of one of the connected PLC
INTERFACE modules.
FBST Plug-In Bridges
The colored, insulated FBST plug-in bridges reduce wiring
time for the PLC INTERFACE modules by up to 70% in
comparison with conventionally wired relay modules. 2-pos.
FBST 6 single plug-in bridges are ideal for bridging a
smaller number of modules and total currents
≤ 6 A. For a
circuit supplied from both sides, they offer the advantage
that the circuit can be opened at any point, while allowing all
the other modules to continue being supplied at the same
time.
If a PLC-ATP insulating plate is to be bypassed with single
plug-in bridges, the FBST 8 2-pos. plug-in bridge must be
used.
The FBST 14 2-pos. plug-in bridge connects adjacent
connections on a 14 mm PLC INTERFACE module. In this
way, contacts can be connected in series or in parallel
without additional wiring.
500 mm long FBST 500 continuous plug-in bridges can be
used to bridge up to 80 modules quickly and easily at a time.
PLC-ATP Insulating Plate
The PLC-ATP insulating plate should always be installed at
the start and end of every terminal strip.
In addition to the visual separation of function blocks, it is
also necessary in some cases to install the insulating plate
between adjacent PLC INTERFACE modules, e.g., when
three phases (L1, L2, L3) are used on the contact side of the
PLC INTERFACE modules.
PLC-ATP has prescored break-out points at the bridging
positions, so that individual bridges can be passed through
if necessary.
PLC-BP Feed-Through Bridge
Instead of a relay or solid-state relay, the PLC-BP (A1-14)
passive feed-through bridge can be inserted in the basic
terminal block of the PLC INTERFACE series. This enables
a passive connection to be established between terminal
points A1 and 14.
PLC-V8 Adapter
The PLC-V8 adapter can be used to connect both 6.2 mm
and 14 mm PLC INTERFACE modules quickly and easily to
the VARIOFACE system cabling (see INTERFACE
catalog).
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed on the following page:
Accessories for the PLC INTERFACE Series


Similar Part No. - PLC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PLC LSTD-PLC Datasheet
428Kb / 1P
Heavy-duty construction
logo
Christian Bürkert GmbH ...
PLC BURKERT-PLC Datasheet
912Kb / 11P
Pressure transmitter with CANopen interface
18.04.2023
PLC BURKERT-PLC Datasheet
850Kb / 11P
RTD temperature sensor with CANopen interface
13.09.2022
logo
HMS Networks.
PLC HMS-PLC Datasheet
390Kb / 2P
Control System (PLC) to Control System (PLC)
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
25Watts Single Output LED Driver
More results

Similar Description - PLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35502 ETC2-35502 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
logo
PHOENIX CONTACT
103153 PHOENIX-103153 Datasheet
181Kb / 3P
Accessories for the PLC INTERFACE Series
logo
Pepperl+Fuchs Inc.
VAZ-LT2-BK PF-VAZ-LT2-BK Datasheet
97Kb / 1P
AS-Interface accessories
VAZ-LT2-BU PF-VAZ-LT2-BU Datasheet
96Kb / 1P
AS-Interface accessories
VAZ-LT2-CL PF-VAZ-LT2-CL Datasheet
96Kb / 1P
AS-Interface accessories
VAZ-LT2-GN PF-VAZ-LT2-GN Datasheet
96Kb / 1P
AS-Interface accessories
VAZ-LT2-RD PF-VAZ-LT2-RD Datasheet
96Kb / 1P
AS-Interface accessories
VAZ-LT2-REMOVER PF-VAZ-LT2-REMOVER Datasheet
82Kb / 1P
AS-Interface accessories
VAZ-LT2-YE PF-VAZ-LT2-YE Datasheet
97Kb / 1P
AS-Interface accessories
VAZ-PB-DB9-W PF-VAZ-PB-DB9-W Datasheet
195Kb / 2P
AS-Interface accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com