Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4239 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-4239
Description  High Power Infrared Emitter (940 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4239 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-4239 Datasheet HTML 4Page - OSRAM GmbH SFH-4239 Datasheet HTML 5Page - OSRAM GmbH SFH-4239 Datasheet HTML 6Page - OSRAM GmbH SFH-4239 Datasheet HTML 7Page - OSRAM GmbH SFH-4239 Datasheet HTML 8Page - OSRAM GmbH SFH-4239 Datasheet HTML 9Page - OSRAM GmbH SFH-4239 Datasheet HTML 10Page - OSRAM GmbH SFH-4239 Datasheet HTML 11Page - OSRAM GmbH SFH-4239 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2012-12-03
8
Version 1.0
SFH 4239
Note:
Corrosion robustness better than EN 60068-2-60
(method 4): with enhanced corrosion test: 40°C /
90%rh / 15ppm H2S / 336h
Anm:
Korrosionsfestigkeit besser als EN 60068-2-60
(Methode 4): mit erweitertem Korrosionstest: 40°C /
90%rh / 15ppm H2S / 336h
Method of Taping
Gurtung
Dimensions in mm (inch). / Maße in mm (inch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com