Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHF-252 Datasheet(PDF) 3 Page - Mini-Circuits

Part # XHF-252
Description  High Pass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

XHF-252 Datasheet(HTML) 3 Page - Mini-Circuits

  XHF-252 Datasheet HTML 1Page - Mini-Circuits XHF-252 Datasheet HTML 2Page - Mini-Circuits XHF-252 Datasheet HTML 3Page - Mini-Circuits XHF-252 Datasheet HTML 4Page - Mini-Circuits XHF-252 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMIC Reflectionless Filter
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications1 at 25°C
XHF-252+
1
Measured on Mini-Circuits Characterization Test Board TB-844-252H+
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Stop Band
Rejection
DC-F1
DC-1520
12
14
—
dB
Frequency Cut-off
F2
2030
—
3.0
—
dB
VSWR
DC - F1
DC-1520
—
1.2
—
:1
Pass Band
Insertion Loss
F3-F5
2460 -10400
—
1.0
1.8
dB
VSWR
F3-F4
2460 - 3700
—
1.5
—
:1
F4-F5
3700 - 10400
—
1.7
—
:1
0
10
20
30
40
0
2080
4160
6240
8320
10400
FREQUENCY (MHz)
XHF-252+
INSERTION LOSS
1.0
1.3
1.6
1.9
2.2
0
2080
4160
6240
8320
10400
FREQUENCY (MHz)
XHF-252+
VSWR
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
10
38.00
1.04
50
32.70
1.05
100
27.74
1.05
200
22.16
1.06
300
19.04
1.08
500
15.66
1.13
1000
16.11
1.25
1520
13.92
1.27
2030
2.86
1.15
2460
0.95
1.04
3000
0.46
1.24
3700
0.42
1.52
4400
0.48
1.69
5100
0.48
1.70
6000
0.40
1.57
7000
0.30
1.36
8000
0.20
1.23
9000
0.14
1.22
10000
0.20
1.42
10400
0.32
1.59
ESD rating
Human body model (HBM): Class 2(2000 to <4000 V) in accordance with ANSI/ESD 5.1-2001
MSL rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020D
Absolute Maximum Ratings4
Parameter
Ratings
Operating Temperature
-55°C to +105°C
Storage Temperature
-65°C to +150°C
RF Power Input, Passband (F3-F5)2
2W at 25°C
RF Power Input, Stopband (DC-F3)3
0.5W at 25°C
2
Passband rating derates linearly to 1W at 105°C ambient
3
Stopband rating derates linearly to 0.25W at 105°C ambient
4
Permanent damage may occur if any of these limits are exceeded.
F5
F4
F2
F1
F3
FREQUENCY (MHz)
DC
Specification Definition



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com