Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4883 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-4883
Description  Infrared Emitter (880 nm) in TO-46 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4883 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-4883 Datasheet HTML 1Page - OSRAM GmbH SFH-4883 Datasheet HTML 2Page - OSRAM GmbH SFH-4883 Datasheet HTML 3Page - OSRAM GmbH SFH-4883 Datasheet HTML 4Page - OSRAM GmbH SFH-4883 Datasheet HTML 5Page - OSRAM GmbH SFH-4883 Datasheet HTML 6Page - OSRAM GmbH SFH-4883 Datasheet HTML 7Page - OSRAM GmbH SFH-4883 Datasheet HTML 8Page - OSRAM GmbH SFH-4883 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2008-02-25
2
Version 1.0
SFH 4883
Maximum Ratings (TC = 25 °C)
Grenzwerte
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
200
mA
Surge current
Stoßstrom
(tp 10 s, D = 0.01)
IFSM
2.5
A
Total power dissipation
Verlustleistung
Ptot
470
mW
Thermal resistance junction - ambient
Wärmewiderstand Sperrschicht - Umgebung
RthJA
450
K / W
Thermal resistance junction - case
Wärmewiderstand Sperrschicht - Gehäuse
RthJC
160
K / W
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 100 mA, tp = 20 ms)
peak
880
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 100 mA, tp = 20 ms)
80
nm
Half angle
Halbwinkel
± 35
°
Active chip area
Aktive Chipfläche
A0.16
mm2
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.4 x 0.4
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 100 mA, RL = 50 )
tr, tf
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com