Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7250 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-7250
Description  Infrared-Emitter (850 nm) and Si-Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7250 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-7250 Datasheet HTML 1Page - OSRAM GmbH SFH-7250 Datasheet HTML 2Page - OSRAM GmbH SFH-7250 Datasheet HTML 3Page - OSRAM GmbH SFH-7250 Datasheet HTML 4Page - OSRAM GmbH SFH-7250 Datasheet HTML 5Page - OSRAM GmbH SFH-7250 Datasheet HTML 6Page - OSRAM GmbH SFH-7250 Datasheet HTML 7Page - OSRAM GmbH SFH-7250 Datasheet HTML 8Page - OSRAM GmbH SFH-7250 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Version 1.3
SFH 7250
2015-12-14
3
Dimensions of active chip area
(typ)
L x W
0.2 x 0.2
mm x
mm
Rise and fall time of I
e ( 10% and 90% of Ie max)
(I
F = 70 mA, RL = 50 Ω)
(typ)
t
r, tf
12
ns
Forward voltage
(IF = 70 mA, tp = 20 ms)
(typ (max)) V
F
1.6 (≤ 2)
V
Forward voltage
(IF = 500 mA, tp = 100 µs)
(typ (max)) VF
2.4 (≤ 3)
V
Reverse current
(V
R = 5 V)
(typ (max)) IR
not designed for
reverse operation
µA
Total radiant flux
(I
F = 70 mA, tp = 20 ms)
(typ)
Φ
e
40
mW
Min Radiant Intensity
(IF = 70 mA, tp = 20 ms)
I
e, min
6.3
mW / sr
Radiant intensity
(IF = 70 mA, tp = 20 ms)
Ie, typ
10
mW/sr
Typ Radiant Intensity
(I
F = 500 mA, tp = 100 µs)
Ie, typ
60
mW / sr
Temperature coefficient of I
e or Φe
(I
F = 70 mA, tp = 20 ms)
(typ)
TC
I
-0.5
% / K
Temperature coefficient of V
F
(IF = 70 mA, tp = 20 ms)
(typ)
TC
V
-0.7
mV / K
Temperature coefficient of wavelength
(IF = 70 mA, tp = 20 ms)
(typ)
TCλ
0.3
nm / K
Phototransistor
(T
A = 25 °C, λ = 880 nm)
Wavelength of max. sensitivity
(typ)
λ
S max
990
nm
Spectral range of sensitivity
(S = 10% of Smax)
(typ)
λ
440 ... 1150
nm
Radiant sensitive area
(∅ = 240 µm)
(typ)
A
0.038
mm
2
Dimensions of chip area
(typ)
L x W
(typ) 0.45 x
0.45
mm x
mm
Distance chip front to case surface
(typ)
H
(typ) 0.5 ...
0.7
mm
Half angle
(typ)
ϕ
± 60
°
Capacitance
(VCE = 0 V, f = 1 MHz, E = 0)
(typ)
CCE
5
pF
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com