Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7252 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-7252
Description  Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7252 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-7252 Datasheet HTML 1Page - OSRAM GmbH SFH-7252 Datasheet HTML 2Page - OSRAM GmbH SFH-7252 Datasheet HTML 3Page - OSRAM GmbH SFH-7252 Datasheet HTML 4Page - OSRAM GmbH SFH-7252 Datasheet HTML 5Page - OSRAM GmbH SFH-7252 Datasheet HTML 6Page - OSRAM GmbH SFH-7252 Datasheet HTML 7Page - OSRAM GmbH SFH-7252 Datasheet HTML 8Page - OSRAM GmbH SFH-7252 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2016-01-07
1
2016-01-07
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
Version 1.0
SFH 7252
Ordering Information
Features:
•
SMT package with two IR emitter (850 nm & 940 nm)
•
Suitable for SMT assembly
•
Available on tape and reel
•
emitters can be controlled separately
Applications
•
Hand vein sensors
•
Medical sensors
•
Smoke detectors
•
Surveillance systems
•
IR spectroscopy
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Package:
Ordering Code
SFH 7252
SMT Multi TOPLED®
Q65111A9398


Similar Part No. - SFH-7252

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7250 OSRAM-SFH-7250 Datasheet
480Kb / 16P
Infrared-Emitter (850 nm) and Si-Phototransistor
SFH-7251 OSRAM-SFH-7251 Datasheet
485Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
More results

Similar Description - SFH-7252

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4556P OSRAM-SFH4556P Datasheet
253Kb / 12P
Infrared Emitter (850 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
Infrared Emitter (850 nm)
SFH4855 OSRAM-SFH4855 Datasheet
271Kb / 12P
Infrared Emitter (850 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com