Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7771 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH-7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7771 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH-7771 Datasheet HTML 3Page - OSRAM GmbH SFH-7771 Datasheet HTML 4Page - OSRAM GmbH SFH-7771 Datasheet HTML 5Page - OSRAM GmbH SFH-7771 Datasheet HTML 6Page - OSRAM GmbH SFH-7771 Datasheet HTML 7Page - OSRAM GmbH SFH-7771 Datasheet HTML 8Page - OSRAM GmbH SFH-7771 Datasheet HTML 9Page - OSRAM GmbH SFH-7771 Datasheet HTML 10Page - OSRAM GmbH SFH-7771 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Version 1.1
SFH 7771
22.04.2016
7
Operating conditions
Characteristics (T
A = 25 °C)
Parameter
Symbol
Value
Unit
min.
typ.
max.
Supply voltage
V
DD
2.3
2.5
3.6
V
Ripple on supply voltage
(V
DDmin and VDDmax must stay in the VDD range,
DC ... 100MHz)
V
DD,rip
200
mV
V
DD threshold voltage
(voltage to initiate the start-up procedure)
V
DD;th
1.7
2.3
V
Pull-up Voltage for INT
V
INT,pullup
5.5
V
Pull-up Voltage for SCL and SDA
V
IO
1.65
3.6
V
SDA and SCL input low level voltage
V
SDA_low,
V
SCL_low
0.54
V
SDA and SCL input high level voltage
V
SDA_high,
V
SCL_high
1.26
V
SDA and SCL input current
I
SDA_low,
I
SCL_low
-10
10
µA
INT output low level voltage (I
INT = 3 mA)
(When INT is active V
INT = low.
When INT is inactive V
INT = high.)
V
INT_low
0.4
V
LEDC Terminal Voltage
V
LED
0.7
2.5
5.5
V
Ripple V
LED
V
LED,rip
200
mV
Parameter
Symbol
Value
Unit
min.
typ.
max.
General
Conditions for OFF mode
V
DD,off
0.5
V
Current consumption in OFF mode
(V
DD < 0.5V)
I
DD,off
0µA
STAND-BY mode current consumption
(Mode_control(0x41) = 0x00; V
DD = 2.5V)
I
DD,stby
0.8
1.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com