Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7776 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7776 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-7776 Datasheet HTML 1Page - OSRAM GmbH SFH-7776 Datasheet HTML 2Page - OSRAM GmbH SFH-7776 Datasheet HTML 3Page - OSRAM GmbH SFH-7776 Datasheet HTML 4Page - OSRAM GmbH SFH-7776 Datasheet HTML 5Page - OSRAM GmbH SFH-7776 Datasheet HTML 6Page - OSRAM GmbH SFH-7776 Datasheet HTML 7Page - OSRAM GmbH SFH-7776 Datasheet HTML 8Page - OSRAM GmbH SFH-7776 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2016-04-25
2
Version 1.2
SFH 7776
Application diagram
• Bypass capacitors for VDD and VLED are required for proper operation of the device.
• Proposed size for the pull-up resistors Rp1, Rp2 and Rp3 are 10kOhm
Pin description
Pin
Name
Function
1V
DD
Power supply pin
2
SCL
I²C bus serial clock pin
3
GND
Ground pin
4
LED_A
Anode of the LED
5
LED_C
Cathode of the LED
6
LDR
LED driver pin
7
INT
Interrupt pin; open drain output; configured via I²C bus
8
SDA
I²C bus serial data pin
100 nF
4.7 uF
100 nF
1.0 uF
Phone
Battery
Rp1 Rp2
Rp3
Voltage
Regulator
SDA
SCL
INT
VDD
LED_C LED_A
GND
LDR
V IO
SDA
SFH 7776
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)
SCL
VLED
GND
GND
VDD
V INT, pullup
V INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com