Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7779 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7779 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-7779 Datasheet HTML 6Page - OSRAM GmbH SFH-7779 Datasheet HTML 7Page - OSRAM GmbH SFH-7779 Datasheet HTML 8Page - OSRAM GmbH SFH-7779 Datasheet HTML 9Page - OSRAM GmbH SFH-7779 Datasheet HTML 10Page - OSRAM GmbH SFH-7779 Datasheet HTML 11Page - OSRAM GmbH SFH-7779 Datasheet HTML 12Page - OSRAM GmbH SFH-7779 Datasheet HTML 13Page - OSRAM GmbH SFH-7779 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
2016-04-25
10
Version 1.2
SFH 7779
Characteristics (Ta = 25°C)
Parameter
Symbol
Value
Unit
min.
typ.
max.
Ambient Light Sensors: ALS VIS and ALS IR diode
Wavelength of max. sensitivity for ALS VIS
S
max
560
nm
Spectral range of sensitivity (10% of Smax) of
ALS VIS
S10%
450
950
nm
Wavelength of max. sensitivity of ALS IR
Smax
880
nm
Spectral range of sensitivity (10% of Smax) of
ALS IR
S10%
830
1050
nm
Illuminance measurement range is
programmable
(the maximum ALS sensitivity can be reached
with the ALS high sensitivity mode --> 400ms
ALS integration time)
(MODE_CONTROL (0x41h) = 0Ah or 0Bh)
0.0022
73000
lx
ALS VIS sensor output
(1000lx; white LED; VDD = 2.5V)
((MODE_CONTROL (0x41h) = 08h)
(ALS_PS_CONTROL (0x42h): Gain = X1)
ALSVIS_out 750
900
1080
counts
ALS IR sensor output
(324µW/cm²; IRED 850 nm; VDD = 2.5V)
((MODE_CONTROL (0x41h) = 08h)
(ALS_PS_CONTROL (0x42h): Gain = X1)
ALSIR_out 460
550
660
counts
ALS VIS sensor output at darkness
((MODE_CONTROL (0x41h) = 08h)
(ALS_PS_CONTROL (0x42h): Gain = X1)
ALSVIS_out 00
2counts
ALS IR sensor output at darkness
((MODE_CONTROL (0x41h) = 08h)
(ALS_PS_CONTROL (0x42h): Gain = X1)
ALSIR_out 00
2counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com