Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3952 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3952 Datasheet HTML 17Page - Linear Technology LT3952 Datasheet HTML 18Page - Linear Technology LT3952 Datasheet HTML 19Page - Linear Technology LT3952 Datasheet HTML 20Page - Linear Technology LT3952 Datasheet HTML 21Page - Linear Technology LT3952 Datasheet HTML 22Page - Linear Technology LT3952 Datasheet HTML 23Page - Linear Technology LT3952 Datasheet HTML 24Page - Linear Technology LT3952 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3952
21
3952fb
For more information www.linear.com/LT3952
OPERATION
The overall switching period is defined by the sum of
two parts: a fixed 50ns off-time that defines DMAX, and a
variable time defined by the RT current. To determine the
proper RT value for a desired switching frequency, using
the following equation:
RT kΩ
()=
88.9
fSW (MHz)1.13
For example, a 2MHz switching frequency results in a
desired RT resistance of 40.6k, which has 40.2k as the
closest standard value.
Table 1 provides some commonly used values.
Table 1. Switching Frequency vs RT Value
fSW (MHz)
RT (k)
3.0
25.5
2.0
40.2
1.0
90.9
0.4
243
0.215
470
Frequency Synchronization and Spread Spectrum
The LT3952 SYNC pin acts as both an external clock input
for frequency synchronization and the enable signal for
internal spread spectrum feature. Tie the SYNC/SPRD pin
low for fixed-frequency internal clock, tie to INTVCC for
spread-spectrum internal clock, or drive with an external
clock for frequency synchronization with no internal
spread spectrum.
When synchronizing to an external clock, the RT resis-
tor should be chosen to program a switching frequency
20% lower than the external clock frequency. Even when
synchronizing, a soft-start cycle will first start the oscil-
lator in frequency foldback to minimize inrush current. As
the soft-start cycle nears completion, the device will then
transition to the external frequency.
When the SYNC/SPRD pin is tied high for greater than
32 clock cycles, the device will enable spread-spectrum
clocking for EMI reduction. By continuously varying the
oscillator frequency, spread spectrum distributes the EMI
power generated during the switching cycle over a group
of frequencies rather than concentrating it at a single
frequency. Therefore, the measured EMI power at any
single frequency is reduced compared to that of fixed-
frequency operation.
Inspread-spectrummode,theoscillatorfrequencyisvaried
in a pseudorandom manner from the nominal frequency
to 31% above nominal in 1% steps. This unidirectional
adjustment allows LT3952 to avoid a sensitive band in the
system simply by programming the nominal frequency
slightly above it. The proportional step size allows the user
to easily determine RT value for their specified EMI test
bin size, and the pseudorandom method provides tone
suppression from the frequency variation itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com