Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3955 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3955
Description  60VIN LED Converter with Internal PWM Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3955 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3955 Datasheet HTML 17Page - Linear Technology LT3955 Datasheet HTML 18Page - Linear Technology LT3955 Datasheet HTML 19Page - Linear Technology LT3955 Datasheet HTML 20Page - Linear Technology LT3955 Datasheet HTML 21Page - Linear Technology LT3955 Datasheet HTML 22Page - Linear Technology LT3955 Datasheet HTML 23Page - Linear Technology LT3955 Datasheet HTML 24Page - Linear Technology LT3955 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT3955
21
3955fb
For more information www.linear.com/LT3955
applicaTions inFormaTion
INTVCC
COUT
1µF
0.15nF
LT3955
GND
2.2k
1N4148
3955 F10
RS
0.5
2k
1k
INTVCC
FB
ISP
ISN
PGND
PWMOUT
27k
D2
20k
1k
Q2
Q3
1M
24.9k
D1
Q1
M1
Figure 10. Protection Circuit for Fault to Ground on LED Load. Includes Fast Level Shift for PWM Switch M1
Short-Circuit Protection for a Boosted Output
The LT3955 has two features that provide protection from
a shorted circuit load on a boost. The first of these is the
ISP/ISN based overcurrent response. The second is the FB
overvoltageresponse. Theprimarymodeofactionforboth
featuresistodrivethePWMOUTpinlow,whichturnsoffthe
switchconnectingtheoutputtotheload.TheISP/ISNshort-
circuit protection also drives the PWM and DIM/SS pins
low for a brief period of time. For best protection, a PMOS
disconnect switch M1 is placed as shown in Figure 10.
During an overcurrent event caused by a short across
the LED string, the current in Rs increases until PNP Q1
turns on and pulls up the gate of M1, throttling back the
current. In approximately 1µs, the ISP/ISN overcurrent
response will cause the PWMOUT pin to drive low, which
will turn off M1 altogether. If an external PWM signal is
used, then the circuit including Q3, the 1N4148 diode and
two resistors must be used to ensure the switch remains
off while the output is in a faulted state. This sub-circuit
drives the FB pin into the overvoltage state.
If the PWM pin is configured (with a capacitor load) as
shown in the application titled Boost LED Driver with
Output Short Protection, then the small circuit driving
FB may be omitted. In this case, the boost converter will
demonstrate a hiccup mode response, turning on M1 at an
intervaldeterminedbythePWMcapacitor, thenturningoff
after ~1µs due to excessive current, until the fault clears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com