Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-45 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LB-45
Description  Frequency-to-Voltage Converter uses Sampleand- Hold to Improve Response and Ripple
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LB-45 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LB-45 Datasheet HTML 1Page - National Semiconductor (TI) LB-45 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DETAILS OF OPERATION
(Refer to
Figure 3 Waveforms)
When the input frequency waveform has a negative-going
transition pin 6 of the LM331 is driven momentarily lower
than the 13V threshold voltage at pin 7 This initiates a tim-
ing cycle controlled by the Rt and Ct at pin 5 and also
causes a transition from a5V to 0V at pin 3 (the normal
VFC logic output) which is usually left unused in F-to-V oper-
ation
During the timing cycle (t e 11 c Rt c Ct e 75 ms for the
example shown) a precision current source i e 19 VRS
flows out of pin 1 of the LM331 and charges V1 up to a
value slightly higher than the average DC value of V1 At the
end of the timing cycle V1 stops charging up and also V2
rises The 10 kX pull-up resistor is coupled (through the 200
pF capacitor) to V3 and causes the LF398 to
sample for
about 5 ms Then the LF398 goes back into
hold This entire
operation is repeated at the same frequency as fIN The
average voltage at V1 will be the same 10V full scale ac-
cording to the same formula of
Figure 1 And the peak-to-
peak ripple can be computed as 65 mV peak 130 mVp-p
using the appropriate formula
Now the input to the sample-and-hold at pin 3 may have a
10000V average DC value
but the output will be at
10065V because the sample occurs at the peak value of
V1 Thus to get an output with low offset a 15 MX resistor
is used to offset the V1 signal to a lower level Trim the
offset adjust pot to get VOUT e 1V at 1 kHz and trim the
gain adjust pot to get VOUT e 10V at 10 kHz (the interac-
tion is minor) as measured at V4 V5 or V6 The rms value
of the ripple at V4 is rather small but the peak-to-peak rip-
ple (spikes and glitches) may be excessive A simple R-C
filter can provide a filtered output at V5 or a simple active
filter using an inexpensive LF351 will give sub-millivolt
(peak) ripple at V6 with improved settling time and low out-
put impedance
This F-to-V converter will have a good linearity better than
01% but only from 10 kHz down to 500 Hz Between
200 Hz and 20 Hz VOUT is not very proportional to fIN And
at 0 Hz the output will be indeterminate because the sam-
ple-and-hold will never sample However there are many F-
to-V applications where a 201 frequency range is adequate
TLH8494 – 3
FIGURE 3 Waveforms Improved F-to-V Converter
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax (a49) 0-180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2309
Arlington TX 76017
Email cnjwge tevm2nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel (a49) 0-180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel (a49) 0-180-532 78 32
Hong Kong
Fran ais Tel (a49) 0-180-532 93 58
Tel (852) 2737-1600
Italiano
Tel (a49) 0-180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com