Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8608 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8608 Datasheet HTML 16Page - Linear Technology LT8608 Datasheet HTML 17Page - Linear Technology LT8608 Datasheet HTML 18Page - Linear Technology LT8608 Datasheet HTML 19Page - Linear Technology LT8608 Datasheet HTML 20Page - Linear Technology LT8608 Datasheet HTML 21Page - Linear Technology LT8608 Datasheet HTML 22Page - Linear Technology LT8608 Datasheet HTML 23Page - Linear Technology LT8608 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8608/LT8608B
24
Rev C
For more information www.analog.com
D16877 0-5/18(C)
www.analog.com
ANALOG DEVICES, INC. 2016-2018
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT8609/
LT8609A
42V, 2A/3A Peak, 93% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.2V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-10E Package
LT8610A/
8610AB
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA and Input/Output Current Limit/Monitor
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm × 5mm QFN-24 Package
LT8616
42V, Dual 2.5A + 1.5A, 95% Efficiency, 2.2MHz Synchronous
MicroPower Step-Down DC/DC Converter with IQ = 5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.8V, IQ = 5µA, ISD < 1µA,
TSSOP-28E, 3mm × 6mm QFN-28 Packages
LT8620
65V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 65V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E, 3mm × 5mm QFN-24 Packages
LT8614
42V, 4A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm × 4mm QFN-18 Package
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 3.0µA, ISD < 1µA,
3mm × 6mm QFN-28 Package
LT8640
42V, 5A/7A Peak, 96% Efficiency, 3MHz Synchronous MicroPower Step-
Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm × 4mm QFN-18 Package
LT8602
42V, Quad Output (2.5A+1.5A+1.5A+1.5A) 95% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC Converter with IQ = 25µA
VIN = 3V to 42V, VOUT(MIN)= 0.8V, IQ = 25µA, ISD < 1µA,
6mm × 6mm QFN-40 Package
3.3V and 1.8V with Ratio Tracking
C7
0.1µF
C8
4.7µF
R9
31.6k
R10
10k
C10
47µF
C11
10pF
L2
2.2µH
R5
18.2k
R6
1M
R7
768k
R8
100k
C12
1µF
VIN
EN/UV
SYNC
LT8608
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
POWER
GOOD
fSW = 2MHz
VOUT
1.8V
1.5A
8608 TA02
C2, C8 X7R 1206
C4, C10, X7R 1210
C1
0.1µF
C2
4.7µF
C3
1µF
C4
47µF
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
309k
R4
100k
C6
10nF
VIN
EN/UV
LT8608
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
3.9V
TO 42V
POWER
GOOD
fSW = 2MHz
VOUT
3.3V, 1.5A
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com