Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8613 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
14
8613f
applicaTions inForMaTion
The LT8613 is capable of a maximum duty cycle of greater
than 99%, and the VIN-to-VOUT dropout is limited by the
RDS(ON) of the top switch. In this mode the LT8613 skips
switch cycles, resulting in a lower switching frequency
than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
VIN(MIN) =
VOUT + VSW(BOT)
1– fSW • tOFF(MIN)
– VSW(BOT) + VSW(TOP) (5)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.4V, ~0.18V,
respectively at maximum load), fSW is the switching fre-
quency (set by RT), and tOFF(MIN) is the minimum switch
off-time.Notethathigherswitchingfrequencywillincrease
the minimum input voltage below which cycles will be
dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8613 is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short-circuitconditionstheLT8613safelytoleratesopera-
tion with a saturated inductor through the use of a high
speed peak-current mode architecture.
A good first choice for the inductor value is:
L
=
VOUT + VSW(BOT)
fSW
(6)
where fSW is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.18V) and L is the inductor value in μH.
Toavoidoverheatingandpoorefficiency,aninductormust
be chosen with an RMS current rating that is greater than
the maximum expected output load of the application. In
addition, the saturation current (typically labeled ISAT)
rating of the inductor must be higher than the load current
plus 1/2 of in inductor ripple current:
IL(PEAK) =ILOAD(MAX) +
1
2
∆IL
(7)
where
∆IL is the inductor ripple current as calculated in
Equation 9 and ILOAD(MAX) is the maximum output load
for a given application.
As a quick example, an application requiring 4A output
should use an inductor with an RMS rating of greater than
4A and an ISAT of greater than 5A. During long duration
overload or short-circuit conditons, the inductor RMS is
greater to avoid overheating of the inductor. To keep the
efficiency high, the series resistance (DCR) should be less
than 0.020Ω, and the core material should be intended
for high frequency applications.
The LT8613 limits the peak switch current in order to
protect the switches and the system from overload faults.
The top switch current limit (ILIM) is at least 7.5A at low
duty cycles and decreases linearly to 6A at DC = 0.8. The
inductorvaluemustthenbesufficienttosupplythedesired
maximum output current (IOUT(MAX)), which is a function
of the switch current limit (ILIM) and the ripple current.
IOUT(MAX) =ILIM –
∆IL
2
(8)
The peak-to-peak ripple current in the inductor can be
calculated as follows:
∆IL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)


(9)
where fSW is the switching frequency of the LT8613, and
L is the value of the inductor. Therefore, the maximum
output current that the LT8613 will deliver depends on
the switch current limit, the inductor value, and the input
and output voltages. The inductor value may have to be
increased if the inductor ripple current does not allow
sufficient maximum output current (IOUT(MAX)) given the
switching frequency, and maximum input voltage used in
the desired application.
The optimum inductor for a given application may differ
from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and
reduces the output voltage ripple. For applications requir-
ing smaller load currents, the value of the inductor may
be lower and the LT8613 may operate with higher ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com