Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KA Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # 2N7002KA
Description  N Channel MOSFET ESD Protected 2000V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002KA Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  2N7002KA Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002KA Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002KA Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018. 03. 29
1/3
SEMICONDUCTOR
TECHNICAL DATA
2N7002KA
N Channel MOSFET
ESD Protected 2000V
Revision No :5
INTERFACE AND SWITCHING APPLICATION.
FEATURES
・ESD Protected 2000V.
・High density cell design for low RDS(ON).
・Voltage controlled small signal switch.
・Rugged and reliable.
・High saturation current capablity.
・Suffix U : Qualified to AEC-Q101.
ex) 2N7002KA-RTK/HU.
MAXIMUM RATING (Ta=25
℃
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. SOURCE
2. GATE
3. DRAIN
ELECTRICAL CHARACTERISTICS (Ta=25
℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10μA
60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
-
-
1
μA
Gate-Body Leakage, Forward
IGSSF
VGS=20V, VDS=0V
-
-
10
μA
Gate-Body Leakage, Reverse
IGSSR
VGS=-20V, VDS=0V
-
-
-10
μA
ESD-Capability*
-
C=100pF, R=1.5K
Ω
Both forward and reverse
direction 3 pulse
2000
-
-
V
G
D
S
Type Name
Marking
Lot No.
2P
EQUIVALENT CIRCUIT
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
300
mA
Pulsed
(Note 1)
IDP
1200
Drain Power Dissipation
(Note 2)
PD
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Thermal Characteristics
Thermal Resistance, Junction-to-
Ambient
(Note2)
Rth(j-a)
357
℃/W
Note 1) Pulse Width
≤10㎲, Duty Cycle≤1%
Note 2) Package mounted on 99% Alumina 10
×8×0.6mm
*Failure criterion : IDSS > 1μA at VDS=60V, IGSSF>10μA at VGS=20V, IGSSR>-10μA at VGS=-20V.


Similar Part No. - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
N-channel TrenchMOS FET
Rev. 03-25 February 2008
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA Datasheet
378Kb / 3P
N Channel MOSFET
logo
Micro Commercial Compon...
2N7002KA MCC-2N7002KA Datasheet
641Kb / 4P
N-Channel MOSFET
logo
Rectron Semiconductor
2N7002KA RECTRON-2N7002KA Datasheet
347Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2021-10/74 REV:B
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA_15 Datasheet
364Kb / 3P
INTERFACE AND SWITCHING APPLICATION.
More results

Similar Description - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDK3S6R CYSTEKEC-MTDK3S6R Datasheet
251Kb / 6P
ESD protected N-CHANNEL MOSFET
MTN2002ZS3 CYSTEKEC-MTN2002ZS3 Datasheet
267Kb / 6P
ESD protected N-CHANNEL MOSFET
logo
KEC(Korea Electronics)
2N7000K KEC-2N7000K Datasheet
72Kb / 4P
N Channel MOSFET ESD Protected 2000V
2N7002KDU KEC-2N7002KDU Datasheet
372Kb / 4P
N Channel MOSFET ESD Protected 2000V
logo
Cystech Electonics Corp...
MTN2002ZW3 CYSTEKEC-MTN2002ZW3 Datasheet
269Kb / 6P
ESD protected N-CHANNEL MOSFET
MTNK3C3 CYSTEKEC-MTNK3C3 Datasheet
275Kb / 6P
ESD protected N-CHANNEL MOSFET
MTNK3N3 CYSTEKEC-MTNK3N3 Datasheet
277Kb / 7P
ESD protected N-CHANNEL MOSFET
MTNK3S3 CYSTEKEC-MTNK3S3 Datasheet
269Kb / 6P
ESD protected N-CHANNEL MOSFET
MTNK3W3 CYSTEKEC-MTNK3W3 Datasheet
270Kb / 6P
ESD protected N-CHANNEL MOSFET
MTNK3Y3 CYSTEKEC-MTNK3Y3 Datasheet
303Kb / 6P
ESD protected N-CHANNEL MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com