Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2057 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2057
Description  High Voltage, Low Noise Zero-Drift Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2057 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2057 Datasheet HTML 9Page - Linear Technology LTC2057 Datasheet HTML 10Page - Linear Technology LTC2057 Datasheet HTML 11Page - Linear Technology LTC2057 Datasheet HTML 12Page - Linear Technology LTC2057 Datasheet HTML 13Page - Linear Technology LTC2057 Datasheet HTML 14Page - Linear Technology LTC2057 Datasheet HTML 15Page - Linear Technology LTC2057 Datasheet HTML 16Page - Linear Technology LTC2057 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2057/LTC2057HV
13
2057f
For more information www.linear.com/LTC2057
Typical perForMance characTerisTics
Output Voltage Swing High
vs Load Current
Output Voltage Swing High
vs Load Current
Output Voltage Swing High
vs Load Current
Output Voltage Swing Low
vs Load Current
Output Voltage Swing Low
vs Load Current
Output Voltage Swing Low
vs Load Current
Short-Circuit Current
vs Temperature
Short-Circuit Current
vs Temperature
Short-Circuit Current
vs Temperature
ISOURCE (mA)
0.001
0.1m
1m
0.1
10m
10
1
0.01
0.1
1
10
100
2057 G41
–40°C
25°C
VS = ±2.5V
85°C
125°C
150°C
ISOURCE (mA)
0.001
0.1m
1m
0.1
10m
100
10
1
0.01
0.1
1
10
100
2057 G42
–40°C
VS = ±15V
85°C
125°C
25°C
150°C
ISINK (mA)
0.001
0.1m
1m
0.1
10m
10
1
0.01
0.1
1
10
100
2057 G44
–40°C
VS = ±2.5V
25°C
150°C
85°C
125°C
ISINK (mA)
0.001
0.1m
1m
0.1
10m
100
10
1
0.01
0.1
1
10
100
2057 G45
VS = ±15V
–40°C
25°C
85°C
150°C
125°C
ISINK (mA)
0.001
0.1m
1m
0.1
10m
100
10
1
0.01
0.1
1
10
100
2057 G46
VS = ±30V
–40°C
25°C
85°C
150°C
125°C
TEMPERATURE (°C)
–50
0
10
20
30
50
40
60
–25
0
25
125 150
75
50
100
2057 G47
VS = ±2.5V
SINKING
SOURCING
TEMPERATURE (°C)
–50
0
10
20
30
50
40
60
–25
0
25
125 150
75
50
100
2057 G48
VS = ±15V
SINKING
SOURCING
TEMPERATURE (°C)
–50
0
10
20
30
50
40
60
–25
0
25
125 150
75
50
100
2057 G49
VS = ±30V
SINKING
SOURCING
ISOURCE (mA)
0.001
0.1m
1m
0.1
10m
100
10
1
0.01
0.1
1
10
100
2057 G43
–40°C
VS = ±30V
25°C
85°C
125°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com