Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2992 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2992 Datasheet HTML 9Page - Linear Technology LTC2992 Datasheet HTML 10Page - Linear Technology LTC2992 Datasheet HTML 11Page - Linear Technology LTC2992 Datasheet HTML 12Page - Linear Technology LTC2992 Datasheet HTML 13Page - Linear Technology LTC2992 Datasheet HTML 14Page - Linear Technology LTC2992 Datasheet HTML 15Page - Linear Technology LTC2992 Datasheet HTML 16Page - Linear Technology LTC2992 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
LTC2992
13
Rev A
For more information www.analog.com
calculated LSB (see Design Example section) for current
and power of both supplies have to match. Otherwise,
external µP can be used to first compute physical amount
of current and power for each supply and then perform
the summing.
The LTC2992 measures the current sense amplifier’s
input offset to calibrate subsequent IADC measurements.
During offset measurement, IADC cannot capture load
current information. By default, such calibration is done
for every IADC conversion as shown in Figure 2a. In most
applications, the calibration frequency can be reduced by
writing to CTRLA register with its CTRLA[7] bit set to 1.
A one-off calibration is then performed immediately after
the I2C write operation as shown in Figure 2b.
VADC by default monitors six input voltages sequentially
as shown in Figure 2a with an update rate of 10Hz for each
APPLICATIONS INFORMATION
input. Therefore, input signals such as supply rail voltages
with average value that varies at less than 5Hz can be ac-
curately monitored. Otherwise, the input update rate can
be increased by reducing the number of inputs monitored
via CTRLA[4:3]. Figure 2c shows only the SENSE+ pins
being monitored in continuous scan mode with an effec-
tive update rate of 30Hz. The remaining inputs may be
monitored by switching to snapshot mode when needed.
A snapshot mode is available to make on-demand mea-
surement of a single selected voltage without power data
update (SENSE1+, SENSE2+, GPIO1, GPIO2, GPIO3 or
GPIO4) or two selected voltages (either SENSE1+ and
SENSE2+,orGPIO1andGPIO2).Tomakeasnapshotmea-
surement, write the 3-bit code of the desired voltage input
to CTRLA[2:0] and 01 to CTRLA[6:5]. After completion of
the conversion, the ADCs will halt and the corresponding
Table 1. ADC Configuration Via CTRLA Register
BIT
NAME
OPERATION
CTRLA[7]
Offset Calibration
Offset Calibration for Current Measurements
[1] = Calibrate on Demand
[0] = Every Conversion (Default)
CTRLA[6:5]
Measurement
Mode
[11] = Shutdown
[10] = Single Cycle mode
The VADC converts SENSE1+, SENSE2+, GPIO1, GPIO2, GPIO3, GPIO4 once and stops. The IADCs stop after
one conversion.
P1 = SENSE1+ × ∆SENSE1; P2 = SENSE2+ × ∆SENSE2
[01] = Snapshot Mode
Snapshot Initializes Conversion on All 3 ADCs Simultaneously.
VADC Converts the Channel(s) per CTRLA[2:0]
[00] = Continuous Scan Mode (Default)
The Selected Channels for VADC are Defined by CTRLA[4:3]
CTRLA[4:3]
Voltage Selection
for Continuous
Scan Mode
CTRLA[4:3]
VADC
P1
P2
11
GPIO1, GPIO2,
GPIO3, GPIO4
GPIO1 × ∆SENSE1
GPIO2 × ∆SENSE2
10
GPIO1, GPIO2
GPIO1 × ∆SENSE1
GPIO2 × ∆SENSE2
01
SENSE1+, SENSE2+
SENSE1+ × ∆SENSE1
SENSE2+ × ∆SENSE2
00 (Default)
SENSE1+, SENSE2+,
GPIO1, GPIO2,
GPIO3, GPIO4
SENSE1+ × ∆SENSE1
SENSE2+ × ∆SENSE2
CTRLA[2:0]
Voltage Selection
for Snapshot
Mode
CTRLA[2:0]
VADC
P1
P2
111
GPIO1, GPIO2
GPIO1 × ∆SENSE1
GPIO2 × ∆SENSE2
110
SENSE1+, SENSE2+
SENSE1+ × ∆SENSE1
SENSE2+ × ∆SENSE2
101
GPIO4
∆SENSE1/2 without P1/P2 updates
100
GPIO3
011
GPIO2
010
GPIO1
001
SENSE2+
000 (Default)
SENSE1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com