Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3622 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3622
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3622 Datasheet HTML 9Page - Linear Technology LTC3622 Datasheet HTML 10Page - Linear Technology LTC3622 Datasheet HTML 11Page - Linear Technology LTC3622 Datasheet HTML 12Page - Linear Technology LTC3622 Datasheet HTML 13Page - Linear Technology LTC3622 Datasheet HTML 14Page - Linear Technology LTC3622 Datasheet HTML 15Page - Linear Technology LTC3622 Datasheet HTML 16Page - Linear Technology LTC3622 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
13
3622fc
For more information www.linear.com/LTC3622
APPLICATIONS INFORMATION
at the input and the power is supplied by a wall adapter
through long wires, a load step at the output can induce
ringing at the VIN input. At best, this ringing can couple to
the output and be mistaken as loop instability. At worst,
a sudden inrush of current through the long wires can
potentially cause a voltage spike at VIN large enough to
damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R and X7R dielectric formulations. These
dielectrics have the best temperature and voltage char-
acteristics of all the ceramics for a given value and size.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement.Duringaloadstep,theoutputcapacitormust
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. Typically, five cycles are required to
respond to a load step, but only in the first cycle does the
output voltage drop linearly. The output droop, VDROOP, is
usually about three times the linear drop of the first cycle.
Thus, a good place to start with the output capacitor value
is approximately:
COUT = 3
ΔIOUT
ƒO • VDROOP
More capacitance may be required depending on the duty
cycle and load step requirements. In most applications,
the input capacitor is merely required to supply high
frequency bypassing, since the impedance to the supply
is very low. A 10µF ceramic capacitor is usually enough
for these conditions. Place this input capacitor as close
to the VIN1 and VIN2 pins as possible.
Output Power Good
When the LTC3622’s output voltages are within the ±7.5%
windowoftheregulationpoint,theoutputvoltagesaregood
andthePGOODpinsarepulledhighwithexternalresistors.
Otherwise, internal open-drain pull-down devices (275Ω)
willpullthePGOODpinslow.TopreventunwantedPGOOD
glitches during transients or dynamic VOUT changes, the
LTC3622’s PGOOD falling edge includes a blanking delay
of approximately 32 switching cycles.
Frequency Synchronization Capability
The LTC3622 has the capability to synchronize to a ±50%
range of the internal programmed frequency. It takes
several cycles of external clock to engage the sync mode,
and roughly 2μs for the part to detect the absence of the
external clock signal. Once engaged in sync, the LTC3622
immediately runs at the external clock frequency.
Inductor Selection
Given the desired input and output voltages, the inductor
valueandoperatingfrequencydeterminetheripplecurrent:
ΔIL=
VOUT
ƒ •L
1– VOUT
VIN(MAX)


Lower ripple current reduces power losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a trade-off between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 50% of IOUT(MAX). To guarantee that ripple
current does not exceed a specified maximum, the induc-
tance should be chosen according to:
L =
VOUT
ƒ • ΔIL(MAX)
1– VOUT
VIN(MAX)


Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but is very dependent on the
inductance selected. As the inductance or frequency in-
creases, core loss decreases. Unfortunately, increased
inductance requires more turns of wire and therefore
copper losses increase.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductancecollapsesabruptlywhenthepeakdesigncurrent
is exceeded. This results in an abrupt increase in inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com