Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4020 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4020
Description  55V Buck-Boost Multi-Chemistry Battery Charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4020 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4020 Datasheet HTML 9Page - Linear Technology LTC4020 Datasheet HTML 10Page - Linear Technology LTC4020 Datasheet HTML 11Page - Linear Technology LTC4020 Datasheet HTML 12Page - Linear Technology LTC4020 Datasheet HTML 13Page - Linear Technology LTC4020 Datasheet HTML 14Page - Linear Technology LTC4020 Datasheet HTML 15Page - Linear Technology LTC4020 Datasheet HTML 16Page - Linear Technology LTC4020 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LTC4020
13
4020fd
For more information www.linear.com/LTC4020
BG2 (Pin 33): VOUT side (step-up) primary switch FET
gate driver output.
INTVCC (Pin 34): Boosted Driver Refresh Supply. This
supply is regulated to 5V and is current limited to 150mA.
Connect a 2.2µF ceramic capacitor from this pin to PGND.
Boosted supply refresh diode anodes are connected to
this pin. Using this pin to power external 5V circuitry is
not recommended.
PGND(Pin35):Switchhighcurrentreturnpathforstep-up
primary and step-down synchronous switches.
PVIN (Pin 36): High Current Input Supply Pin. Connect
10µFdecouplingcapacitorfromthispintoPGND.ThePVIN
pin provides input supply current for the INTVCC internal
5V linear regulator.
BG1 (Pin 37): VIN side (step-down) synchronous switch
FET gate driver output.
SW1 (Pin 38): Switched node for step-down switches.
Connect the switched inductor to this pin. Connect the
primary switch FET source and synchronous switch FET
drain to this pin.
SGND(Pins3,29,ExposedPad39):SignalGroundRefer-
ence. Connect to the output decoupling capacitor negative
terminal and battery negative terminal. The exposed pad
(39)mustbesolderedtoPCBground(SGND)forelectrical
connection and rated thermal performance.
pin FuncTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com