Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4292 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4292 Datasheet(HTML) 3 Page - Linear Technology

  LTC4292 Datasheet HTML 1Page - Linear Technology LTC4292 Datasheet HTML 2Page - Linear Technology LTC4292 Datasheet HTML 3Page - Linear Technology LTC4292 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LTC4292/LTC4291
3
Rev 0
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4291IUF#PBF
LTC4291IUF#TRPBF
4291
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LTC4292IUJ#PBF
LTC4292IUJ#TRPBF
LTC4292UJ
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 85°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC4292#orderinfo



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com